Electronic Components Datasheet Search
  English  ▼

X  

37C669 Datasheet(PDF) 11 Page - SMSC Corporation

Part # 37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C669 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button 37C669 Datasheet HTML 7Page - SMSC Corporation 37C669 Datasheet HTML 8Page - SMSC Corporation 37C669 Datasheet HTML 9Page - SMSC Corporation 37C669 Datasheet HTML 10Page - SMSC Corporation 37C669 Datasheet HTML 11Page - SMSC Corporation 37C669 Datasheet HTML 12Page - SMSC Corporation 37C669 Datasheet HTML 13Page - SMSC Corporation 37C669 Datasheet HTML 14Page - SMSC Corporation 37C669 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 164 page
background image
11
DESCRIPTION OF PIN FUNCTIONS
QFP/
TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
84,86
nRing Indicator
nRI1
nRI2
I
Active low Ring Indicator inputs for the
serial port. Handshake signal which notifies
the UART that the telephone ring signal is
detected by the modem.
The CPU can
monitor the status of nRI signal by reading
bit 6 of Modem Status Register (MSR). A
nRI signal state change from low to high
after the last MSR read will set MSR bit 2 to
a 1. If bit 3 of Interrupt Enable Register is
set, the interrupt is generated when nRI
changes state. Note: Bit 6 of MSR is the
complement of nRI.
PARALLEL PORT INTERFACE
73
nPrinter Select
Input
nSLCTIN
OD24
0P24
This active low output selects the printer.
This is the complement of bit 3 of the Printer
Control Register.
Refer to Parallel Port description for use of
this pin in ECP and EPP mode.
74
nInitiate Output
nINIT
OD24
0P24
This output is bit 2 of the printer control
register. This is used to initiate the printer
when low.
Refer to Parallel Port description for use of
this pin in ECP and EPP mode.
76
nAutofeed
Output
nAUTOFD
OD24
0P24
This output goes low to cause the printer to
automatically feed one line after each line is
printed.
The nAUTOFD output is the
complement of bit 1 of the Printer Control
Register.
Refer to Parallel Port description for use of
this pin in ECP and EPP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com