Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G04DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G04DBVT
Description  SN74LVC1G04 Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G04DBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
SN74LVC1G04
www.ti.com
SCES214AD –APRIL 1999–REVISED OCTOBER 2014
7.3 Recommended Oprating Conditions(1)
MIN
MAX UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VCC = 1.65 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δ
t/Δv
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10 ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
125
°C
(1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs
, literature number SCBA004.
7.4 Thermal Information
SN74LVC1G04
THERMAL METRIC(1)
DBV
DCK
DRL
DRY
YZP
DPW
UNIT
5 PINS
5 PINS
5 PINS
6 PINS
5 PINS
4 PINS
R
θ
JA
Junction-to-ambient thermal resistance
229
278
243
439
130
340
R
θ
JCtop
Junction-to-case (top) thermal resistance
164
93
78
277
54
215
R
θ
JB
Junction-to-board thermal resistance
62
65
78
271
51
294
°C/W
ψJT
Junction-to-top characterization parameter
44
2
10
84
1
41
ψJB
Junction-to-board characterization parameter
62
64
77
271
50
294
R
θ
JCbot
Junction-to-case (bottom) thermal resistance
–
–
–
–
–
250
(1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC1G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com