Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G04DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G04DBVT
Description  SN74LVC1G04 Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G04DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G04
SCES214AD–APRIL1999–REVISED OCTOBER 2014
SN74LVC1G04 Single Inverter Gate
1 Features
3 Description
This
single
inverter
gate
is
designed
for
1
• Available in the Ultra-Small 0.64-mm2
1.65-V to 5.5-V VCC operation.
Package (DPW) with 0.5-mm Pitch
The SN74LVC1G04 device performs the Boolean
• Supports 5-V VCC Operation
function Y = A.
• Inputs Accept Voltages up to 5.5 V Allowing Down
Translation to VCC
The CMOS device has high output drive while
maintaining low static power dissipation over a broad
• Max tpd of 3.3 ns at 3.3-V
VCC operating range.
• Low Power Consumption, 10-μA Max ICC
The SN74LVC1G04 device is available in a variety of
• ±24-mA Output Drive at 3.3-V
packages, including the ultra-small DPW package
• Ioff Supports Live-Insertion, Partial-Power-Down
with a body size of 0.8 mm × 0.8 mm.
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 100 mA
Device Information(1)
Per JESD 78, Class II
DEVICE NAME
PACKAGE
BODY SIZE
• ESD Protection Exceeds JESD 22
SOT-23 (5)
2.9mm × 1.6mm
SC70 (5)
2.0mm × 1.25mm
– 2000-V Human-Body Model (A114-A)
SN74LVC1G04
SON (6)
1.45mm × 1.0mm
– 200-V Machine Model (A115-A)
SON (6)
1.0mm × 1.0mm
– 1000-V Charged-Device Model (C101)
X2SON (4)
0.8mm × 0.8mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
• AV Receiver
• Audio Dock: Portable
• Blu-ray Player and Home Theater
• Embedded PC
• MP3 Player/Recorder (Portable Audio)
• Personal Digital Assistant (PDA)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid State Drive (SSD): Client and Enterprise
• TV: LCD/Digital and High-Definition (HDTV)
• Tablet: Enterprise
• Video Analytics: Server
• Wireless Headset, Keyboard, and Mouse
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G04DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04DBVT TI-SN74LVC1G04DBVT Datasheet
456Kb / 17P
SINGLE INVERTER
SN74LVC1G04DBVT TI-SN74LVC1G04DBVT Datasheet
781Kb / 19P
SINGLE INVERTER GATE
SN74LVC1G04DBVT TI-SN74LVC1G04DBVT Datasheet
781Kb / 19P
SINGLE INVERTER GATE
SN74LVC1G04DBVT TI1-SN74LVC1G04DBVT Datasheet
2Mb / 45P
Single Inverter Gate
SN74LVC1G04DBVTE4 TI-SN74LVC1G04DBVTE4 Datasheet
456Kb / 17P
SINGLE INVERTER
More results

Similar Description - SN74LVC1G04DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04_07 Datasheet
439Kb / 12P
SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
SINGLE INVERTER GATE
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_15 Datasheet
1Mb / 41P
SN74LVC1G04 Single Inverter Gate
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
SINGLE INVERTER GATE
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
Single Inverter Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com