Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G04DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G04DBVT
Description  SN74LVC1G04 Single Inverter Gate
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G04DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC1G04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1G04DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Frequency - MHz
0
20
40
60
80
0
1
2
3
4
5
6
7
D003
Icc 1.8V
Icc 2.5V
Icc 3.3V
Icc 5V
SN74LVC1G04
SCES214AD –APRIL 1999–REVISED OCTOBER 2014
www.ti.com
Typical Application (continued)
10.2.3 Application Curves
Figure 5. ICC vs Frequency
11 Power Supply Recommendations
The power supply can be any voltage between the min and max supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-μF capacitor is recommended. if there are multiple VCC pins, then a 0.01-μF or 0.022-μF capacitor
is recommended for each power pin. It is ok to parallel multiple bypass capacitors to reject different frequencies
of noise. 0.1-μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be installed as
close to the power pin as possible for best results.
12 Layout
12.1 Layout Guidelines
When using multiple bit logic devices, inputs should never float.
In many cases, functions or parts of functions of digital logic devices are unused; for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not be
left unconnected because the undefined voltages at the outside connections result in undefined operational
states. The rules that must be observed under all circumstances are specified in the next paragraph.
All unused inputs of digital logic devices must be connected to a high or low bias to prevent them from floating.
The logic level that should be applied to any particular unused input depends on the function of the device.
Generally they will be tied to GND or VCC; whichever makes more sense or is more convenient.
12.2 Layout Example
12
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com