Electronic Components Datasheet Search
  English  ▼

X  

LM809 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM809
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM809 Datasheet(HTML) 5 Page - Texas Instruments

  LM809 Datasheet HTML 1Page - Texas Instruments LM809 Datasheet HTML 2Page - Texas Instruments LM809 Datasheet HTML 3Page - Texas Instruments LM809 Datasheet HTML 4Page - Texas Instruments LM809 Datasheet HTML 5Page - Texas Instruments LM809 Datasheet HTML 6Page - Texas Instruments LM809 Datasheet HTML 7Page - Texas Instruments LM809 Datasheet HTML 8Page - Texas Instruments LM809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
LM809, LM810
www.ti.com
SNVS052E – SEPTEMBER 1999 – REVISED APRIL 2016
Product Folder Links: LM809 LM810
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Production testing done at TA = 25°C, over temperature limits specified by design only.
(2)
RESET Output for LM809, RESET output for LM810.
6.5 Electrical Characteristics
VCC = full range, TA = –40°C to 105°C, unless otherwise noted. Typical values are at TA = 25°C, VCC = 5 V for 4.63, 4.38, and
4.00 versions, VCC = 3.3 V for 3.08 and 2.93 versions, and VCC = 3 V for 2.63 and 2.45 version
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTH
Reset Threshold(2)
LM8xx: 4.63 V
TA = 25°C
4.56
4.63
4.70
V
TA = –40°C to 85°C
4.50
4.75
TA = 85°C to 105°C
4.40
4.86
LM8xx: 4.38 V
TA = 25°C
4.31
4.38
4.45
TA = –40°C to 85°C
4.25
4.50
TA = 85°C to 105°C
4.16
4.56
LM8xx: 4.00 V
TA = 25°C
3.93
4.00
4.06
TA = –40°C to 85°C
3.89
4.10
TA = 85°C to 105°C
3.80
4.20
LM8xx: 3.08 V
TA = 25°C
3.04
3.08
3.11
TA = –40°C to 85°C
3.00
3.15
TA = 85°C to 105°C
2.92
3.23
LM8xx: 2.93 V
TA = 25°C
2.89
2.93
2.96
TA = –40°C to 85°C
2.85
3.00
TA = 85°C to 105°C
2.78
3.08
LM8xx: 2.63 V
TA = 25°C
2.59
2.63
2.66
TA = –40°C to 85°C
2.55
2.70
TA = 85°C to 105°C
2.50
2.76
LM8xx: 2.45 V
TA = 25°C
2.41
2.45
2.49
TA = –40°C to 85°C
2.38
2.52
TA = 85°C to 105°C
2.33
2.57
Reset Threshold
Temperature Coefficient
30
ppm/°C
VCC to Reset Delay
(2)
VCC = VTH to (VTH – 100 mV)
20
µs
Reset Active Timeout
Period
TA = –40°C to 85°C
140
240
560
ms
TA = 85°C to 105°C
100
840
VOL
RESET Output Voltage
Low (LM809)
VCC = VTH(min), ISINK = 1.2 mA, LM809: 2.45, 2.63, 2.93, 3.08
0.3
V
VCC = VTH(min), ISINK = 3.2 mA, LM809: 4.63, 4.38, 4.00
0.4
VCC > 1 V, ISINK = 50 µA
0.3
RESET Output Voltage
Low (LM810)
VCC = VTH(max), ISINK = 1.2 mA, LM810: 2.63, 2.93, 3.08
0.3
VCC = VTH(max), ISINK = 3.2 mA, LM810: 4.63, 4.38, 4.00
0.4
VOH
RESET Output Voltage
High (LM809)
VCC > VTH(max), ISOURCE = 500 µA, LM809: 2.45, 2.63, 2.93, 3.08
0.8 × VCC
V
VCC > VTH(max), ISOURCE = 800 µA, LM809: 4.63, 4.38, 4.00
VCC – 1.5
RESET Output Voltage
High (LM810)
1.8 V < VCC < VTH(min), ISOURCE = 150 μA
0.8 × VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com