Electronic Components Datasheet Search
  English  ▼

X  

LM809 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM809
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM809 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM809 Datasheet HTML 2Page - Texas Instruments LM809 Datasheet HTML 3Page - Texas Instruments LM809 Datasheet HTML 4Page - Texas Instruments LM809 Datasheet HTML 5Page - Texas Instruments LM809 Datasheet HTML 6Page - Texas Instruments LM809 Datasheet HTML 7Page - Texas Instruments LM809 Datasheet HTML 8Page - Texas Instruments LM809 Datasheet HTML 9Page - Texas Instruments LM809 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
–40
–20
0
20
40
60
80
220
215
210
205
200
Temperature (°C)
225
230
235
245
250
240
–40
–20
0
20
40
60
80
1.002
1.001
1.000
0.999
0.997
Temperature (°C)
1.003
0.998
–40
–20
0
20
40
60
80
80
60
40
20
0
Temperature (°C)
100
–40
–20
0
20
40
60
80
80
60
40
20
0
Temperature (°C)
100
120
140
160
180
–40
–20
0
20
40
60
80
20
15
10
5
0
Temperature (°C)
–40
–20
0
20
40
60
80
20
15
10
5
0
Temperature (°C)
6
LM809, LM810
SNVS052E – SEPTEMBER 1999 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM809 LM810
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 1. Supply Current vs Temperature
(No Load, LM8xx: 2.63, 2.93, 3.08)
Figure 2. Supply Current vs Temperature
(No Load, LM8xx: 4.63, 4.38)
Figure 3. Power-Down Reset Delay vs Temp
(LM8xx: 2.63, 2.93, 3.08)
Figure 4. Power-Down Reset Delay vs Temperature
(LM8xx: 4.63, 4.38)
Figure 5. Power-Up Reset Timeout vs Temperature
Figure 6. Normalized Reset Threshold vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com