Electronic Components Datasheet Search
  English  ▼

X  

LM809 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM809
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM809 Datasheet(HTML) 1 Page - Texas Instruments

  LM809 Datasheet HTML 1Page - Texas Instruments LM809 Datasheet HTML 2Page - Texas Instruments LM809 Datasheet HTML 3Page - Texas Instruments LM809 Datasheet HTML 4Page - Texas Instruments LM809 Datasheet HTML 5Page - Texas Instruments LM809 Datasheet HTML 6Page - Texas Instruments LM809 Datasheet HTML 7Page - Texas Instruments LM809 Datasheet HTML 8Page - Texas Instruments LM809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM809
RESET
RESET
INPUT
GND
GND
V
CC
V
CC
V
CC
µP
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM809, LM810
SNVS052E – SEPTEMBER 1999 – REVISED APRIL 2016
LM809/LM810 3-Pin Microprocessor Reset Circuits
1
1 Features
1
•
Precision Monitoring of Supply Voltages
–
Available Threshold Options:
2.63 V, 2.93 V, 3.08 V, 4.38 V, 4.63 V
•
Superior Upgrade to MAX809 and MAX810
•
Fully Specified Over Temperature
•
140-ms Minimum Power-On Reset Pulse Width,
240-ms Typical
–
Active-Low RESET Output (LM809)
–
Active-High RESET Output (LM810)
•
Ensured RESET Output Valid for VCC ≥ 1 V
•
Low Supply Current, 15-µA Typical
•
Power Supply Transient Immunity
2 Applications
•
Factory Automation
•
Building Automation
•
Programmable Logic Control
•
Renewable Energy
•
Microprocessor Systems
•
Computers
•
Controllers
•
Intelligent Instruments
•
Portable/Battery-Powered Equipment
•
Automotive
3 Description
The LM809 and LM810 microprocessors supervisory
circuits can be used to monitor the power supplies in
microprocessor and digital systems. They provide a
reset to the microprocessor during power-up, power-
down and brown-out conditions.
The function of the LM809 and LM810 are to monitor
the VCC supply voltage, and assert a reset signal
whenever this voltage declines below the factory-
programmed
reset
threshold.
The
reset
signal
remains asserted for 240 ms after VCC rises above
the threshold. The LM809 has an active-low RESET
output, while the LM810 has an active-high RESET
output.
Seven standard reset voltage options are available,
suitable for monitoring 5-V, 3.3-V, and 3-V supply
voltages.
With a low supply current of only 15 µA, the LM809
and LM810 are ideal for use in portable equipment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM809, LM810
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application for Microprocessor Reset Circuit


Similar Part No. - LM809

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM809 TI-LM809 Datasheet
818Kb / 14P
LM809/LM810 3-Pin Microprocessor Reset Circuits
LM809 TI2-LM809 Datasheet
831Kb / 20P
LM809/LM810 3-Pin Microprocessor Reset Circuits
REVISED APRIL 2016
logo
National Semiconductor ...
LM809LD-2.63 NSC-LM809LD-2.63 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
LM809LDX-2.63 NSC-LM809LDX-2.63 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
More results

Similar Description - LM809

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
logo
Texas Instruments
LM809M3-308 TI-LM809M3-308 Datasheet
818Kb / 14P
LM809/LM810 3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com