Electronic Components Datasheet Search
  English  ▼

X  

DS1603 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1603
Description  TRI-STATE Dual Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1603 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS1603 Datasheet HTML 1Page - National Semiconductor (TI) DS1603 Datasheet HTML 2Page - National Semiconductor (TI) DS1603 Datasheet HTML 3Page - National Semiconductor (TI) DS1603 Datasheet HTML 4Page - National Semiconductor (TI) DS1603 Datasheet HTML 5Page - National Semiconductor (TI) DS1603 Datasheet HTML 6Page - National Semiconductor (TI) DS1603 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics (Notes 3, 4) (Continued)
Note 4: All current into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 5: Only one output at a time should be shorted.
Switching Characteristics
V
CC
+ = 5V, V
CC
− = −5V, T
A = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH(D)
Propagation Delay Time, Low-to-
R
L = 390Ω,CL = 50 pF, (Note 6)
High Level, from Differential
17
25
ns
Inputs A and B to Output
t
PHL(D)
Propagation Delay Time, High-to-
R
L = 390Ω,CL = 50 pF, (Note 6)
Low Level, from Differential
17
25
ns
Inputs A and B to Output
t
PLH(S)
Propagation Delay Time, Low-to-
R
L = 390Ω,CL = 50 pF
High Level, from Strobe Input G
10
15
ns
to Output
t
PHL(S)
Propagation Delay Time, High-to-
R
L = 390Ω,CL = 50 pF
Low Level, from Strobe Input G
8
15
ns
to Output
t
1H
Disable Low-to-High to Output
R
L = 390Ω,CL = 5pF
20
ns
High to Off
t
0H
Disable Low-to-High to Output
R
L = 390Ω,CL = 5pF
30
ns
Low to Off
t
H1
Disable High-to-Low to Output
R
L = 1k to 0V, CL = 50 pF
25
ns
Off to High
t
H0
Disable High-to-Low to Output
R
L = 390Ω,CL = 50 pF
25
ns
Off to Low
Note 6: Differential input is +100 mV to −100 mV pulse. Delays read from 0 mV on input to 1.5V on output.
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com