Electronic Components Datasheet Search
  English  ▼

X  

DS1603 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1603
Description  TRI-STATE Dual Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1603 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS1603 Datasheet HTML 1Page - National Semiconductor (TI) DS1603 Datasheet HTML 2Page - National Semiconductor (TI) DS1603 Datasheet HTML 3Page - National Semiconductor (TI) DS1603 Datasheet HTML 4Page - National Semiconductor (TI) DS1603 Datasheet HTML 5Page - National Semiconductor (TI) DS1603 Datasheet HTML 6Page - National Semiconductor (TI) DS1603 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS1603
TRI-STATE® Dual Receiver
General Description
The DS16033 is a dual differential TRI-STATE line receiver
designed for a broad range of system applications. It fea-
tures a high input impedance and low input current which re-
duces the loading effects on a digital transmission line, mak-
ing it ideal for use in party line systems and general purpose
applications like transducer preamplifiers, level translators
and comparators.
The receivers feature a ±25 mV input sensitivity specified
over a ±3V common mode range. Input protection diodes
are incorporated in series with the collectors of the differen-
tial stage. These diodes are useful in applications that have
multiple V
CC+ supplies or VCC+ supplies that are turned off
thus avoiding signal clamping. In addition, TTL compatible
strobe and control lines are provide for flexibility in the appli-
cation.
The DS1603 is pin compatible with the DS75107 dual line re-
ceiver.
Features
n Diode protected input stage for power “OFF” condition
n 17 ns typ high speed
n TTL compatible
n ±25 mV input sensitivity
n ±3V input common-mode range
n High-input inpedance with normal VCC, or VCC = 0V
n Strobes for channel selection
n TRI-STATE outputs for high speed buses
Connection Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line Package
DS005781-2
Top View
For Complete Military 883 Specifications, See RETS Data Sheet.
Order Number: DS1603J/883 or DS1603W/883
See NS Package Number J14A
May 1999
© 1999 National Semiconductor Corporation
DS005781
www.national.com


Similar Part No. - DS1603

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
Elapsed Time Counter Module
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
More results

Similar Description - DS1603

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Yellow Stone Corp
BL-BHG201 YSTONE-BL-BHG201 Datasheet
142Kb / 1P
DUAL CHIP TRI STATE LED LAMPS
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
logo
National Semiconductor ...
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
Dual TRI-STATE Differential Line Driver
MM74HC253 NSC-MM74HC253 Datasheet
121Kb / 4P
Dual 4-Channel TRI-STATE Multiplexer
DS3890 NSC-DS3890 Datasheet
148Kb / 8P
Octal Trapezoidal Driver / Octal TRI-STATE Receiver
MM54HCT253 NSC-MM54HCT253 Datasheet
100Kb / 4P
Dual 4-Channel TRI-STATE-R Multiplexer
DS7831 NSC-DS7831_99 Datasheet
232Kb / 11P
Dual TRI-STATE Line Driver
logo
Texas Instruments
DS7831 TI1-DS7831_11 Datasheet
271Kb / 13P
Dual TRI-STATE Line Driver
DS8922 TI1-DS8922_15 Datasheet
1Mb / 20P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com