Electronic Components Datasheet Search
  English  ▼

X  

DS1603 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1603
Description  TRI-STATE Dual Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1603 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS1603 Datasheet HTML 1Page - National Semiconductor (TI) DS1603 Datasheet HTML 2Page - National Semiconductor (TI) DS1603 Datasheet HTML 3Page - National Semiconductor (TI) DS1603 Datasheet HTML 4Page - National Semiconductor (TI) DS1603 Datasheet HTML 5Page - National Semiconductor (TI) DS1603 Datasheet HTML 6Page - National Semiconductor (TI) DS1603 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC
+)7V
Supply Voltage (V
CC
−)
−7V
Differential Input Voltage
±6V
Common Mode Input Voltage
±5V
Strobe Input Voltage
5.5V
Storage Temperature Range
−65˚C to +150˚C
Maximum Power Dissipation (Note 1) at 25˚C
Cavity Package
1308 mW
Molded Package
1207 mW
Lead Temperature (Soldering, 4 sec)
260˚C
Operating Conditions
DS1603
Min
Nom
Max
Supply Voltage V
CC
+
4.5V
5V
5.5V
Supply Voltage V
CC
−
−4.5V
−5V
−5.5V
Operating Temperature Range
−55˚C
to
+125˚C
Note 1: Derate cavity package 8.7 mW/˚C; derate molded package 9.7 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
T
MIN ≤ TA ≤ TMAX
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
IH
High Level Input Current
V
CC
+ = Max, V
CC
− = Max,
30
75
µA
into 1A, 1B, 2A or 2B
V
ID = 0.5V, VIC = −3V to 3V
I
IL
Low Level Input Current
V
CC
+ = Max, V
CC
− = Max,
−10
µA
into 1A, 1B, 2A or 2B
V
ID = −2V, VIC = −3V to 3V
I
IH
High Level Input Current
V
CC
+ = Max
V
IH(S) = 2.4V
40
µA
into 1G, 2G or D
V
CC
− = Max
V
IH(S) = Max VCC
+
1mA
I
IL
Low Level Input Current
V
CC
+ = Max, V
CC
− = Max,
−1.6
mA
into D
V
IL(D) = 0.4V
I
IL
Low Level Input Current
V
CC
+ = Max,
V
IH(D) = 2V
−40
µA
into 1G or 2G
V
CC
− = Max,
V
IL(D) = 0.8V
−1.6
mA
V
IL(G) = 0.4V
V
OH
High Level Output Voltage
V
CC
+ = Min, V
CC
− = Min,
I
LOAD = −2 mA, VID = 25 mV,
2.4
V
V
IL(D) = 0.8V, VIC = −3V to 3V
V
OL
Low Level Output Voltage
V
CC
+ = Min, V
CC
− = Min,
I
SINK = 16 mA, VID = −25 mV,
0.4
V
V
IL(D) = 0.8V, VIC = −3V to 3V
I
OD
Output Disable Current
V
CC
+ = Max,
V
OUT = 2.4V
40
µA
V
CC
− = Max,
V
OUT = 0.4V
−40
µA
V
IH(D) = 2V
I
OS
Short Circuit Output Current
V
CC
+ = Max, V
CC
− = Max,
−18
−70
mA
V
IL(D) = 0.8V (Note 5)
I
CCH
+
High Logic Level Supply
V
CC
+ = Max, V
CC
− = Max,
28
40
mA
Current from V
CC
+
V
ID = 25 mV, TA = 25˚C
I
CCH
−
High Logic Level Supply
V
CC
+ = Max, V
CC
− = Max,
−8.4
−15
mA
Current from V
CC
−
V
ID = 25 mV, TA = 25˚C
V
I
Input Clamp Voltage
V
CC
+ = Min, V
CC
− = Min,
−1
−1.5
V
onGorD
I
IN = −12 mA, TA = 25˚C
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the −55˚C to +125˚C temperature range for the DS1603 and across the 0˚C to +70˚C range for the
DS3603. All typical values are for TA = 25˚C and VCC = 5V.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com