Electronic Components Datasheet Search
  English  ▼

X  

MCP2551 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2551
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2551 Datasheet HTML 3Page - Microchip Technology MCP2551 Datasheet HTML 4Page - Microchip Technology MCP2551 Datasheet HTML 5Page - Microchip Technology MCP2551 Datasheet HTML 6Page - Microchip Technology MCP2551 Datasheet HTML 7Page - Microchip Technology MCP2551 Datasheet HTML 8Page - Microchip Technology MCP2551 Datasheet HTML 9Page - Microchip Technology MCP2551 Datasheet HTML 10Page - Microchip Technology MCP2551 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS21667C-page 7
MCP2551
Absolute Maximum Ratings†
VDD.............................................................................................................................................................................7.0V
DC Voltage at TXD, RXD, VREF and VS.............................................................................................-0.3V to VDD + 0.3V
DC Voltage at CANH, CANL (Note 1).......................................................................................................... -42V to +42V
Transient Voltage on Pins 6 and 7 (Note 2)............................................................................................. -250V to +250V
Storage temperature ...............................................................................................................................-55°C to +150°C
Operating ambient temperature ..............................................................................................................-40°C to +125°C
Virtual Junction Temperature, TVJ (Note 3) ............................................................................................-40°C to +150°C
Soldering temperature of leads (10 seconds) ....................................................................................................... +300°C
ESD protection on CANH and CANL pins (Note 4) ................................................................................................... 6 kV
ESD protection on all other pins (Note 4) .................................................................................................................. 4 kV
Note 1: Short-circuit applied when TXD is high and low.
2: In accordance with ISO-7637.
3: In accordance with IEC 60747-1.
4: Classification A: Human Body Model.
† NOTICE: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com