Electronic Components Datasheet Search
  English  ▼

X  

MCP2551 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2551
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2551 Datasheet HTML 4Page - Microchip Technology MCP2551 Datasheet HTML 5Page - Microchip Technology MCP2551 Datasheet HTML 6Page - Microchip Technology MCP2551 Datasheet HTML 7Page - Microchip Technology MCP2551 Datasheet HTML 8Page - Microchip Technology MCP2551 Datasheet HTML 9Page - Microchip Technology MCP2551 Datasheet HTML 10Page - Microchip Technology MCP2551 Datasheet HTML 11Page - Microchip Technology MCP2551 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MCP2551
DS21667C-page 8
Preliminary
 2002 Microchip Technology Inc.
2.2
DC Characteristics
DC Specifications
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°C VDD = 4.5V to 5.5V
Extended (E): TAMB = -40°C to +125°C VDD = 4.5V to 5.5V
Param
No.
Sym
Characteristic
Min
Max
Units
Conditions
Supply:
D1
IDD
Supply Current
—
75
mA
Dominant; VTXD = 0.8V; VDD
D2
—
10
mA
Recessive; VTXD = +2V;
RS = 47 k
Ω
D3
—
365
µA
-40°C
≤ TAMB ≤ +85°C,
Standby; (Note 2)
—465
µA
-40°C
≤ TAMB ≤ +125°C,
Standby; (Note 2)
D4
VPORH
High-level of the power-on reset
comparator
3.8
4.3
V
CANH, CANL outputs are
active when VDD > VPORH
D5
VPORL
Low-level of the power-on reset
comparator
3.4
4.0
V
CANH, CANL outputs are not
active when VDD < VPORL
D6
VPORD
Hysteresis of power-on reset
comparator
0.3
0.8
V
Note 1
Bus Line (CANH; CANL) Transmitter:
D7
VCANH(r);VCANL(r) CANH, CANL Recessive bus
voltage
2.0
3.0
V
VTXD = VDD; no load.
D8
IO(CANH)(reces)
IO(CANL)(reces)
Recessive output current
-2
+2
mA
-2V < V(CAHL,CANH) < +7V,
0V <VDD < 5.5V
D9
-10
+10
mA
-5V < V(CANL,CANH) < +40V,
0V <VDD < 5.5V
D10
VO(CANH)
CANH dominant output voltage
2.75
4.5
V
VTXD = 0.8V
D11
VO(CANL)
CANL dominant output voltage
0.5
2.25
V
VTXD = 0.8V
D12
VDIFF(r)(o)
Recessive differential output
voltage
-500
+50
mV
VTXD = 2V; no load
D13
VDIFF(d)(o)
Dominant differential output
voltage
1.5
3.0
V
VTXD = 0.8V; VDD = 5V
40
Ω < RL < 60 Ω (Note 2)
D14
IO(SC)(CANH)
CANH short-circuit output
current
—-200
mA
VCANH = -5V
D15
—
-100
(typical)
mA
VCANH = -40V, +40V. (Note 1)
D16
IO(SC)(CANL)l
CANL short circuit output current
—
200
mA
VCANL = -40V, +40V. (Note 1)
Bus Line (CANH; CANL) Receiver: [TXD = 2V; pins 6 and 7 externally driven]
D17
VDIFF(r)(i)
Recessive differential input
voltage
-1.0
+0.5
V
-2V < V(CANL, CANH) < +7V
(Note 3)
-1.0
+0.4
V
-12V < V(CANL, CANH) < +12V
(Note 3)
D18
VDIFF(d)(i)
Dominant differential input
voltage
0.9
5.0
V
-2V < V(CANL, CANH) < +7V
(Note 3)
1.0
5.0
V
-12V < V(CANL, CANH) < +12V
(Note 3)
D19
VDIFF(h)(i)
Differential input hysteresis
100
200
mV
see Figure 2-4. (Note 1)
D20
RIN
CANH, CANL common-mode
input resistance
550
k
Ω
D21
RIN(d)
Deviation between CANH and
CANL common-mode input
resistance
-3
+3
%
VCANH = VCANL
Note 1: This parameter is periodically sampled and not 100% tested.
2: ITXD = IRXD = IVREF = 0 mA; 0V < VCANL < VDD; 0V < VCANH < VDD; VRS = VDD.
3: This is valid for the receiver in all modes, High-Speed, Slope-Control and standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com