Electronic Components Datasheet Search
  English  ▼

X  

MCP2551 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2551
Description  High-Speed CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2551 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2551 Datasheet HTML 1Page - Microchip Technology MCP2551 Datasheet HTML 2Page - Microchip Technology MCP2551 Datasheet HTML 3Page - Microchip Technology MCP2551 Datasheet HTML 4Page - Microchip Technology MCP2551 Datasheet HTML 5Page - Microchip Technology MCP2551 Datasheet HTML 6Page - Microchip Technology MCP2551 Datasheet HTML 7Page - Microchip Technology MCP2551 Datasheet HTML 8Page - Microchip Technology MCP2551 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS21667C-page 1
M
MCP2551
Features
• Supports 1 Mb/s operation
• Implements ISO-11898 standard physical layer
requirements
• Suitable for 12V and 24V systems
• Externally-controlled slope for reduced RFI
emissions
• Detection of ground fault (permanent dominant)
on TXD input
• Power-on reset and voltage brown-out protection
• An unpowered node or brown-out event will not
disturb the CAN bus
• Low current standby operation
• Protection against damage due to short-circuit
conditions (positive or negative battery voltage)
• Protection against high-voltage transients
• Automatic thermal shutdown protection
• Up to 112 nodes can be connected
• High noise immunity due to differential bus
implementation
• Temperature ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
Package Types
Block Diagram
RS
CANH
CANL
VREF
TXD
VSS
VDD
RXD
1
2
3
4
8
7
6
5
PDIP/SOIC
Thermal
Shutdown
VDD
VSS
CANH
CANL
TXD
RS
RXD
VREF
VDD
Slope
Control
Power-On
Reset
Reference
Voltage
Receiver
GND
0.5 VDD
TXD
Dominant
Detect
Driver
Control
High-Speed CAN Transceiver


Similar Part No. - MCP2551

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
MCP2551 MICROCHIP-MCP2551 Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-E/P MICROCHIP-MCP2551-E/P Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-E/SN MICROCHIP-MCP2551-E/SN Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
MCP2551-I/P MICROCHIP-MCP2551-I/P Datasheet
349Kb / 24P
High-Speed CAN Transceiver
2010
More results

Similar Description - MCP2551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com