Electronic Components Datasheet Search
  English  ▼

X  

LM7301IM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM7301IM
Description  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7301IM Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM7301IM Datasheet HTML 2Page - Texas Instruments LM7301IM Datasheet HTML 3Page - Texas Instruments LM7301IM Datasheet HTML 4Page - Texas Instruments LM7301IM Datasheet HTML 5Page - Texas Instruments LM7301IM Datasheet HTML 6Page - Texas Instruments LM7301IM Datasheet HTML 7Page - Texas Instruments LM7301IM Datasheet HTML 8Page - Texas Instruments LM7301IM Datasheet HTML 9Page - Texas Instruments LM7301IM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LM7301
SNOS879I – AUGUST 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the devices such that TJ = TA. No ensure of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
6.6 Electrical Characteristics: AC
TA = 25°C, V
+ = 2.2 V to 30 V, V− = 0 V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2(1)
PARAMETER
TEST CONDITIONS
TYP (2)
UNIT
SR
Slew rate
±4-V Step at VS ±6 V
1.25
V/µs
GBW
Gain-bandwidth product
f = 100 kHz, RL = 10 kΩ
4
MHz
en
Input-referred voltage noise
f = 1 kHz
36
nV/
√Hz
in
Input-referred current noise
f = 1 kHz
0.24
pA/
√Hz
T.H.D.
Total harmonic distortion
f = 10 kHz
0.006%
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(2)
All limits are ensured by testing or statistical analysis.
6.7 Electrical Characteristics: 2.2-V DC
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.2 V, V− = 0 V, V
CM = VO = V
+/2 and R
L > 1 MΩ to V
+/2
unless noted that limits apply at the temperature.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input offset voltage
TA = 25°C
0.04
6
mV
TA = TJ
8
TCVOS
Input offset voltage average
drift
TA = TJ
2
µV/°C
IB
Input bias current
VCM = 0 V
TA = 25°C
89
200
nA
TA = TJ
250
VCM = 2.2 V
TA = 25°C
−75
−35
TA = TJ
−85
IOS
Input offset current
VCM = 0 V
TA = 25°C
0.8
70
nA
TA = TJ
80
VCM = 2.2 V
TA = 25°C
0.4
55
TA = TJ
65
RIN
Input resistance
0 V
≤ VCM ≤ 2.2 V
18
MΩ
CMRR
Common-mode rejection ratio 0 V
≤ VCM ≤ 2.2 V
TA = 25°C
60
82
dB
TA = TJ
56
PSRR
Power supply rejection ratio
2.2 V
≤ V+ ≤ 30 V
TA = 25°C
87
104
dB
TA = TJ
84
VCM
Input common-mode voltage
range
CMRR > 60 dB
2.3
V
–0.1
AV
Large signal voltage gain
RL = 10 kΩ
VO = 1.6 VPP
TA = 25°C
6.5
46
V/mV
TA = TJ
5.4
VO
Output swing
RL = 10 kΩ
TA = 25°C
0.05
0.08
V
2.15
TA = TJ
0.1
RL = 2 kΩ
TA = 25°C
0.09
0.13
TA = TJ
0.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com