Electronic Components Datasheet Search
  English  ▼

X  

LM7301IM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM7301IM
Description  LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7301IM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM7301IM Datasheet HTML 12Page - Texas Instruments LM7301IM Datasheet HTML 13Page - Texas Instruments LM7301IM Datasheet HTML 14Page - Texas Instruments LM7301IM Datasheet HTML 15Page - Texas Instruments LM7301IM Datasheet HTML 16Page - Texas Instruments LM7301IM Datasheet HTML 17Page - Texas Instruments LM7301IM Datasheet HTML 18Page - Texas Instruments LM7301IM Datasheet HTML 19Page - Texas Instruments LM7301IM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
S E N S E
3
O U T
C H A R G E
C H A R G E
1
R
R
V
I
1
I
R
u
u
: u
+
±
Load
RSENSE
0.2
Ÿ
R1
2 k
V
+
R2
2 k
ICHARGE
+
-
Q1
2N3906
VOUT
Copyright © 2016, Texas Instruments Incorporated
R3
10 k
C1
Optional
16
LM7301
SNOS879I – AUGUST 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM7301
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Handheld Remote Controls
The LM7301 offers outstanding specifications for applications requiring good speed/power trade-off. In
applications such as remote control operation, where high bandwidth and low power consumption are needed,
the LM7301 performance can easily meet these requirements.
8.1.2 Remote Microphone in Personal Computers
Remote microphones in Personal Computers often use a microphone at the top of the monitor which must drive
a long cable in a high noise environment. One method often used to reduce the nose is to lower the signal
impedance, which reduces the noise pickup. In this configuration, the amplifier usually requires 30 db to 40 db of
gain, at bandwidths higher than most low-power CMOS parts can achieve. The LM7301 offers the tiny package,
higher bandwidths, and greater output drive capability than other rail-to-rail input/output parts can provide for this
application.
8.1.3 Optical Line Isolation for Modems
The combination of the low distortion and good load driving capabilities of the LM7301 make it an excellent
choice for driving opto-coupler circuits to achieve line isolation for modems. This technique prevents telephone
line noise from coupling onto the modem signal. Superior isolation is achieved by coupling the signal optically
from the computer modem to the telephone lines; however, this also requires a low distortion at relatively high
currents. Due to its low distortion at high-output drive currents, the LM7301 fulfills this need, in this and in other
telecom applications. See Stability Considerations for methods used to ensure stability under all load conditions.
8.2 Typical Applications
The circuit shown in Figure 27 uses the wide supply voltage range (1.8 V to 32 V), rail-to-rail input and output
voltage capability, and the unity gain stability of the LM7301 to sense the current flow from the power supply to a
load, such as a battery being charged, or any other load. The circuit creates a ground-referenced output voltage,
which varies linearly with the load current, for easy interface to the rest of the circuitry to create fault-protection,
current and power metering, or current regulation functions.
Figure 27. High Side Current Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com