Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8323 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 30Page - Texas Instruments LM8323 Datasheet HTML 31Page - Texas Instruments LM8323 Datasheet HTML 32Page - Texas Instruments LM8323 Datasheet HTML 33Page - Texas Instruments LM8323 Datasheet HTML 34Page - Texas Instruments LM8323 Datasheet HTML 35Page - Texas Instruments LM8323 Datasheet HTML 36Page - Texas Instruments LM8323 Datasheet HTML 37Page - Texas Instruments LM8323 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
LM8323
SNLS273A – JULY 2010 – REVISED MARCH 2013
www.ti.com
WRITE_PORT_SEL COMMAND
The WRITE_PORT_SEL command consists of a command byte (0x85) and two data bytes from the host. The
data bytes configure the corresponding general-purpose I/O ports as inputs (0) or outputs (1). The first data byte
controls ports GPIO_15 through GPIO_08, and the second byte controls ports GPIO_07 through GPIO_00.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
1
0
1
0
Bit
Value
Description
0
GPIO port pin is an input.
GPIO_xx
1
GPIO port pin is an output.
The GPIO_09 port pin can only be configured as an input with weak pullup/pulldown device.
WRITE_PORT_STATE COMMAND
The WRITE_PORT_STATE command consists of a command byte (0x86) and two data bytes from the host. For
general-purpose I/O ports configured as inputs, the data bytes select whether the inputs are high-impedance (0)
or have a weak pullup (1). For ports configured as outputs, the data bytes control the state driven on the output.
The first data byte controls ports GPIO_15 through GPIO_08, and the second byte controls ports GPIO_07
through GPIO_00.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
1
1
0
Bit
Value
Description
If the GPIO port pin is an input, pullup device is disabled. If the GPIO port pin is an output, it is
0
driven low.
GPIO_xx
If the GPIO port pin is an input, pullup device is enabled. If the GPIO port pin is an output, it is
1
driven high.
READ_PORT_SEL COMMAND
The READ_PORT_SEL command consists of a command byte (0x87) from the host and two data bytes from the
LM8323. The data bytes indicate the direction configured for the corresponding ports, either input (0) or output
(1). The first data byte controls ports GPIO_15 through GPIO_08, and the second byte controls ports GPIO_07
through GPIO_00.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
1
1
1
Bit
Value
Description
0
GPIO port pin is an input.
GPIO_xx
1
GPIO port pin is an output.
34
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com