Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8323 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 35Page - Texas Instruments LM8323 Datasheet HTML 36Page - Texas Instruments LM8323 Datasheet HTML 37Page - Texas Instruments LM8323 Datasheet HTML 38Page - Texas Instruments LM8323 Datasheet HTML 39Page - Texas Instruments LM8323 Datasheet HTML 40Page - Texas Instruments LM8323 Datasheet HTML 41Page - Texas Instruments LM8323 Datasheet HTML 42Page - Texas Instruments LM8323 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
LM8323
www.ti.com
SNLS273A – JULY 2010 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
2V
Voltage at Any Pin
-0.3V to VCC +0.3V
Maximum Input Current Without Latchup
±100 mA
ESD Protection Level
(Human Body Model)
2 kV
(Machine Model)
200V
(Charge Device Model)
750V
Total Current into VCC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
100 mA
Storage Temperature Range
−65°C to +140°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and test conditions,
see the DC ELECTRICAL CHARACTERISTICS and AC ELECTRICAL CHARACTERISTICS tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
DC ELECTRICAL CHARACTERISTICS
(Temperature: -40°C
≤ TA ≤ +85°C, unless otherwise specified)
Data sheet specification limits are specified by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage
1.62
1.98
V
IDD
Supply Current (1)
Internal Clock,
No loads on pins,
1.9
3.0
mA
VCC = 1.9V, TC = 0.5 µs
(2)
IHALT
Standby Mode Current (3)
Typical:
<9
40
µA
VCC = 1.9V, TA = 25°C
VIL
Logical 0 Input Voltage (4)
0.3 x
V
VCC
VIH
Logical 1 Input Voltage (4)
0.7 x
V
VCC
Hi-Z Input Leakage (TRI-STATE Output)
VCC = 1.8V
-2
2
µA
Port Input Hysteresis (4) (5)
100
400
mV
Weak Pull-Up/Pull-Down Current
1.6V<VCC< 2.0V
150
µA
Output Current Source (Push-Pull Mode)
VCC = 1.62V, VOH = 0.7 x VCC
-16
mA
Output Current Sink (Push-Pull Mode)
VCC = 1.62V, VOL = 0.3 x VCC
16
mA
Allowable Sink and Source Current per Pin (6)
16
mA
CPAD
Input/Output Capacitance (5)
5
pF
(1)
Supply current is measured with inputs connected to VCC and outputs driven low but not connected to a load.
(2)
Command execution cycle = 0.5 µs.
(3)
In standby mode, the internal clock is switched off. Supply current in standby mode is measured with inputs connected to VCC and
outputs driven low but not connected to a load.
(4)
Applied to all digital pins (including RESET) except for SLOWCLK when configured for an external clock.
(5)
Specified by design, not tested.
(6)
The sum of all I/O sink/source current must not exceed the maximum total current into VCC and out of GND as specified in the absolute
maximum ratings.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com