Electronic Components Datasheet Search
  English  ▼

X  

LM8323 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM8323
Description  LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8323 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM8323 Datasheet HTML 7Page - Texas Instruments LM8323 Datasheet HTML 8Page - Texas Instruments LM8323 Datasheet HTML 9Page - Texas Instruments LM8323 Datasheet HTML 10Page - Texas Instruments LM8323 Datasheet HTML 11Page - Texas Instruments LM8323 Datasheet HTML 12Page - Texas Instruments LM8323 Datasheet HTML 13Page - Texas Instruments LM8323 Datasheet HTML 14Page - Texas Instruments LM8323 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
No
Yes
Is ERROR
bit set?
No
Yes
Is KEYPAD
bit set?
Read keypad events.
READ_FIFO
No
Yes
Is ROTATOR
bit set?
Read rotation steps.
READ_ROTATOR
No
Yes
Is a PWMxEND
bit set?
Service PWM channel.
Check error code.
READ_ERROR
Initialize configuration.
WRITE_CFG
Configure clocks.
WRITE_CLOCK
Specify keypad size.
SET_KEY_SIZE
Configure GPIO pins.
WRITE_PORT_STATE
WRITE_PORT_SEL
Check interrupt code.
READ_INT
Initialize keypad scan timing.
SET_ACTIVE
SET_DEBOUNCE
No
Is NOINIT
bit set?
Yes
No
Are NOINIT,ERROR,
and COMMAND
bits clear?
Yes
Check interrupt code.
READ_INT
No
Yes
Send any command.
READ_PORT_STATE
PWM_WRITE, etc.
Host Initialization
Is IRQ low?
Service error condition.
If the error code reports a
FIFOOVR or KEYOVR error,
then the FIFO buffer must be
unloaded to clear the FIFO.
If this is not done, the LM8323
will not store any new events in
the FIFO. Any data unloaded
from the FIFO after the error
interrupt should be ignored.
LM8323
www.ti.com
SNLS273A – JULY 2010 – REVISED MARCH 2013
Figure 5. IRQ Reset Timing
After sending the WRITE_CFG command, the host must send a series of commands to configure the LM8323,
as shown in Figure 6. (See left hand side.)
This Flow - diagram illustrates also the basic host communication steps which the host must execute upon an
IRQ request received from the LM8323 during operation. Such requests will be made from the LM8323 as a
result of key pressed events, the detection of an error, the termination of a PWM cycle and others.
Figure 6. Host-Side LM8323 Initialization
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM8323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com