Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1804DB
Description  STEREO A/D CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1804DB Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1804DB Datasheet HTML 17Page - Texas Instruments PCM1804DB Datasheet HTML 18Page - Texas Instruments PCM1804DB Datasheet HTML 19Page - Texas Instruments PCM1804DB Datasheet HTML 20Page - Texas Instruments PCM1804DB Datasheet HTML 21Page - Texas Instruments PCM1804DB Datasheet HTML 22Page - Texas Instruments PCM1804DB Datasheet HTML 23Page - Texas Instruments PCM1804DB Datasheet HTML 24Page - Texas Instruments PCM1804DB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.ti.com
AUDIO DATA INTERFACE
INTERFACE MODE
DATA FORMAT
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
The PCM1804 interfaces the audio system through BCK/DSDL (pin 16), LRCK/DSDBCK (pin 17), and
DATA/DSDR (pin 15). The PCM1804 needs RST = low when in the interface mode and/or the data format are
changed.
The PCM1804 supports master mode and slave mode as interface modes, which are selected by S/M (pin 8) as
shown in Table 4. In master mode, the PCM1804 provides the timing of the serial audio data communications
between the PCM1804 and the digital audio processor or external circuit. While in slave mode, the PCM1804
receives the timing for data transfer from an external controller. Slave mode is not available for DSD.
Table 4. Interface Mode
S/M
MODE
Low
Master mode
High
Slave mode
The PCM1804 supports four audio data formats in both master and slave modes, and these data formats are
selected by FMT0 (pin 6) and FMT1 (pin 7) as shown in Table 5.
Table 5. Data Format
FMT1
FMT0
FORMAT
MASTER
SLAVE
Low
Low
PCM, left-justified, 24-bit
Yes
Yes
Low
High
PCM, I2S, 24-bit
Yes
Yes
High
Low
PCM, standard, 24-bit
Yes
Yes
High
High
DSD
Yes
–
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com