Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1804DB
Description  STEREO A/D CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1804DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1804DB Datasheet HTML 3Page - Texas Instruments PCM1804DB Datasheet HTML 4Page - Texas Instruments PCM1804DB Datasheet HTML 5Page - Texas Instruments PCM1804DB Datasheet HTML 6Page - Texas Instruments PCM1804DB Datasheet HTML 7Page - Texas Instruments PCM1804DB Datasheet HTML 8Page - Texas Instruments PCM1804DB Datasheet HTML 9Page - Texas Instruments PCM1804DB Datasheet HTML 10Page - Texas Instruments PCM1804DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
www.ti.com
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, single-speed mode, fS = 48 kHz, system clock = 256 fS,
24-bit data, unless otherwise noted.
PCM1804DB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DYNAMIC PERFORMANCE (8)
VIN = –0.5 dB
–102
–95
fS = 48 kHz, system clock = 256 fS
VIN = –60 dB
–49
VIN = –0.5 dB
–101
fS = 96 kHz, system clock = 256 fS
Total harmonic distortion
THD+N
VIN = –60 dB
–47
dB
plus noise
VIN = –0.5 dB
–101
fS = 192 kHz, system clock = 128 fS
VIN = –60 dB
–47
VIN = –0.5 dB DSD mode
–100
fS = 48 kHz, system clock = 256 fS
106
112
VIN = –60 dB
fS = 96 kHz, system clock = 256 fS
112
Dynamic range
dB
(A-weighted)
fS = 192 kHz, system clock = 128 fS
112
DSD mode
112
fS = 48 kHz, system clock = 256 fS
105
111
fS = 96 kHz, system clock = 256 fS
111
SNR (A-weighted)
dB
fS = 192 kHz, system clock = 128 fS
111
DSD mode
111
fS = 48 kHz, system clock = 256 fS
97
109
Channel separation
fS = 96 kHz, system clock = 256 fS
107
dB
fS = 192 kHz, system clock = 128 fS
107
ANALOG INPUT
Input voltage
Differential input
±2.5
V
Center voltage
2.5
Vdc
Input impedance
Single-ended
10
k
μ
DIGITAL FILTER PERFORMANCE
Pass-band edge
Single rate, dual rate
0.453 fS
Hz
Stop-band edge
Single rate, dual rate
0.547 fS
Hz
Pass-band ripple
Single rate, dual rate
±0.005
dB
Stop-band attenuation
Single rate, dual rate
–100
dB
Pass-band edge (–0.005
Quad rate
0.375 fS
Hz
dB)
Pass-band edge (–3 dB)
Quad rate
0.49 fS
Hz
Stop-band edge
Quad rate
0.77 fS
Hz
Pass-band ripple
Quad rate
±0.005
dB
Stop-band attenuation
Quad rate
–135
dB
Group delay
Single rate, dual rate
37/fS
s
Group delay
Quad rate
9.5/fS
s
HPF frequency response
–3 dB
fS/48000
Hz
(8)
fIN = 1 kHz, using System Two™ audio measurement system by Audio Precision™ in RMS mode, with 20-kHz LPF and 400-Hz HPF in
calculation for single rate, or with 40-kHz LPF in calculation for dual and quad rates.
Copyright © 2001–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com