Electronic Components Datasheet Search
  English  ▼

X  

PCM1804DB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1804DB
Description  STEREO A/D CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1804DB Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1804DB Datasheet HTML 4Page - Texas Instruments PCM1804DB Datasheet HTML 5Page - Texas Instruments PCM1804DB Datasheet HTML 6Page - Texas Instruments PCM1804DB Datasheet HTML 7Page - Texas Instruments PCM1804DB Datasheet HTML 8Page - Texas Instruments PCM1804DB Datasheet HTML 9Page - Texas Instruments PCM1804DB Datasheet HTML 10Page - Texas Instruments PCM1804DB Datasheet HTML 11Page - Texas Instruments PCM1804DB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
www.ti.com
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, single-speed mode, fS = 48 kHz, system clock = 256 fS,
24-bit data, unless otherwise noted.
PCM1804DB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
POWER SUPPLY REQUIREMENTS
VCC
4.75
5
5.25
Supply voltage range
Vdc
VDD
3
3.3
3.6
ICC
VCC = 5 V
(9) (10) (11)
35
45
VDD = 3.3 V
(9) (12)
15
20
Supply current
mA
IDD
VDD = 3.3 V
(10) (12)
27
VDD = 3.3 V
(11) (12)
18
Operation, VCC = 5 V, VDD = 3.3 V
(9) (12)
225
290
Operation, VCC = 5 V, VDD = 3.3 V
(10) (12)
265
PD
Power dissipation
mW
Operation, VCC = 5 V, VDD = 3.3 V
(11) (12)
235
Power down, VCC = 5 V, VDD = 3.3 V
5
TEMPERATURE RANGE
Operation temperature
–10
70
°C
θJA
Thermal resistance
100
°C/W
(9)
Single rate, fS = 48 kHz
(10) Dual rate, fS = 96 kHz
(11) Quad rate, fS = 192 kHz
(12) Minimum load on DATA/DSDR (pin 15)
8
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com