Electronic Components Datasheet Search
  English  ▼

X  

DS1691 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1691
Description  (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1691 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS1691 Datasheet HTML 1Page - National Semiconductor (TI) DS1691 Datasheet HTML 2Page - National Semiconductor (TI) DS1691 Datasheet HTML 3Page - National Semiconductor (TI) DS1691 Datasheet HTML 4Page - National Semiconductor (TI) DS1691 Datasheet HTML 5Page - National Semiconductor (TI) DS1691 Datasheet HTML 6Page - National Semiconductor (TI) DS1691 Datasheet HTML 7Page - National Semiconductor (TI) DS1691 Datasheet HTML 8Page - National Semiconductor (TI) DS1691 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics (Note 6)
T
A = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RS-422 CONNECTION, V
CC = 5V, MODE SELECT = 0.8V
t
r
Output Rise Time
R
L = 100
Ω,C
L = 500 pF (Figure 1 )
120
200
ns
t
f
Output Fall Time
R
L = 100
Ω,C
L = 500 pF (Figure 1 )
120
200
ns
t
PDH
Output Propagation Delay
R
L = 100
Ω,C
L = 500 pF (Figure 1 )
120
200
ns
t
PDL
Output Propagation Delay
R
L = 100
Ω,C
L = 500 pF (Figure 1 )
120
200
ns
t
PZL
TRI-STATE Delay
R
L = 450
Ω,C
L = 500 pF, CC =0pF (Figure 4 )
250
350
ns
t
PZH
TRI-STATE Delay
R
L = 450
Ω,C
L = 500 pF, CC =0pF (Figure 4 )
180
300
ns
t
PLZ
TRI-STATE Delay
R
L = 450
Ω,C
L = 500 pF, CC =0pF (Figure 4 )
180
300
ns
t
PHZ
TRI-STATE Delay
R
L = 450
Ω,C
L = 500 pF, CC =0pF (Figure 4 )
250
350
ns
DC Electrical Characteristics (Notes 3, 4, 5, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RS-423 CONNECTION, |V
CC|=|V EE|, MODE SELECT
≥ 2V
V
IH
High Level Input Voltage
2
V
V
IL
Low Level Input Voltage
0.8
V
I
IH
High Level Input Current
V
IN = 2.4V
1
40
µA
V
IN
≤ 15V
10
100
µA
I
IL
Low Level Input Current
V
IN = 0.4V
−30
−200
µA
V
I
Input Clamp Voltage
I
IN = −12 mA
−1.5
V
V
O
Output Voltage
R
L = ∞, (Note 7)
V
IN = 2V
4.0
4.4
6.0
V
V
O
V
CC
≥ 4.75V
V
IN = 0.4V
−4.0
−4.4
−6.0
V
V
T
Output Voltage
R
L = 450
Ω
V
IN = 2.4V
3.6
4.1
V
V
T
V
CC
≥ 4.75V
V
IN = 0.4V
−3.6
−4.1
V
|V
T|−|VT |
Output Unbalance
|V
CC|=|VEE| = 4.75V, R L = 450
Ω
0.02
0.4
V
I
X
+
Output Leakage Power OFF
V
CC =V EE =0V
V
O = 6V
2
100
µA
I
X
−
Output Leakage Power OFF
V
CC =V EE =0V
V
O = −6V
−2
−100
µA
I
S
+
Output Short Circuit Current
V
O =0V
V
IN = 2.4V
−80
−150
mA
I
S
−
Output Short Circuit Current
V
O =0V
V
IN = 0.4V
80
150
mA
I
SLEW
Slew Control Current
±140
µA
I
CC
Positive Supply Current
V
IN = 0.4V, RL = ∞
18
30
mA
I
EE
Negative Supply Current
V
IN = 0.4V, RL = ∞
−10
−22
mA
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified, min/max limits apply across the −55˚C to +125˚C temperature range for the DS1691A and across the 0˚C to +70˚C range for
the DS3691. All typicals are given for V CC = 5V and TA = 25˚C. VCC and VEE as listed in operating conditions.
Note 4: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 5: Only one output at a time should be shorted.
Note 6: Symbols and definitions correspond to EIA RS-422 and/or RS-423 where applicable.
Note 7: At −55˚C, the output voltage is +3.9V minimum and −3.9V minimum.
AC Electrical Characteristics (Note 6)
T
A = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RS-423 CONNECTION, V
CC = 5V, VEE −5V, MODE SELECT = 2.4V
t
r
Rise Time
R
L = 450
Ω,C
L = 500 pF, CC =0(Figure 2 )
120
300
ns
t
f
Fall Time
R
L = 450
Ω,C
L = 500 pF, CC =0(Figure 2 )
120
300
ns
t
r
Rise Time
R
L = 450
Ω,C
L = 500 pF CC =50pF(Figure 3 )
3.0
µs
t
f
Fall Time
R
L = 450
Ω,C
L = 500 pF CC =50pF(Figure 3 )
3.0
µs
t
rc
Rise Time Coefficient
R
L = 450
Ω,C
L = 500 pF, CC =50pF(Figure 3 )
0.06
µs/pF
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com