Electronic Components Datasheet Search
  English  ▼

X  

DS1691 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1691
Description  (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1691 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS1691 Datasheet HTML 1Page - National Semiconductor (TI) DS1691 Datasheet HTML 2Page - National Semiconductor (TI) DS1691 Datasheet HTML 3Page - National Semiconductor (TI) DS1691 Datasheet HTML 4Page - National Semiconductor (TI) DS1691 Datasheet HTML 5Page - National Semiconductor (TI) DS1691 Datasheet HTML 6Page - National Semiconductor (TI) DS1691 Datasheet HTML 7Page - National Semiconductor (TI) DS1691 Datasheet HTML 8Page - National Semiconductor (TI) DS1691 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS1691A/DS3691
(RS-422/RS-423) Line Drivers with TRI-STATE® Outputs
General Description
The DS1691A/DS3691 are low power Schottky TTL line
drivers designed to meet the requirements of EIA standards
RS-422 and RS-423. They feature 4 buffered outputs with
high source and sink current capability with internal short
circuit protection. A mode control input provides a choice of
operation either as 4 single-ended line drivers or 2 differen-
tial line drivers. A rise time control pin allows the use of an
external capacitor to slow the rise time for suppression of
near end crosstalk to other receivers in the cable. Rise time
capacitors are primarily intended for waveshaping output
signals in the single-ended driver mode. Multipoint applica-
tions in differential mode with waveshaping capacitors is not
allowed.
With the mode select pin low, the DS1691A/DS3691 are
dual-differential line drivers with TRI-STATE outputs. They
feature ±10V output common-mode range in TRI-STATE
mode and 0V output unbalance when operated with ±5V
supply.
Features
n
Dual RS-422 line driver with mode pin low, or quad
RS-423 line driver with mode pin high
n
TRI-STATE outputs in RS-422 mode
n
Short circuit protection for both source and sink outputs
n
Outputs will not clamp line with power off or in
TRI-STATE
n
100
Ω transmission line drive capability
n
Low I
CC and IEE power consumption
RS-422:
I
CC = 9 mA/driver typ
RS-423:
I
CC = 4.5 mA/driver typ:
I
EE = 2.5 mA/driver typ
n
Low current PNP inputs compatible with TTL, MOS and
CMOS
n
Pin compatible with AM26LS30
Connection Diagrams
With Mode Select LOW
(RS-422 Connection)
00578301
Top View
With Mode Select HIGH
(RS-423 Connection)
00578302
Top View
Ordering Information
Order Number
Package Type
NS Package Number
DS3691M
SO Package
M16A
DS3691N
Molded DIP
N16E
For Complete Military Product Specifications, refer to the appropriate SMD or MDS.
DS1691AJ/883
Ceramic DIP
J16A
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
July 1998
© 2004 National Semiconductor Corporation
DS005783
www.national.com


Similar Part No. - DS1691

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1691 DALLAS-DS1691 Datasheet
46Kb / 5P
3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1691 DALLAS-DS1691 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1691 MAXIM-DS1691 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
logo
Texas Instruments
DS1691A TI1-DS1691A Datasheet
1,000Kb / 15P
Line Drivers with TRI-STATE Outputs
More results

Similar Description - DS1691

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
Quad RS-422, RS-423 Line Receiver
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
RS-422/RS-423 Line Drivers/Receivers
SP304 SIPEX-SP304 Datasheet
143Kb / 12P
RS-232/RS-422 Line Drivers/Receivers
SP301 SIPEX-SP301 Datasheet
186Kb / 18P
RS-232/RS-422 Line Drivers/Receivers
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com