Electronic Components Datasheet Search
  English  ▼

X  

DS1691 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1691
Description  (RS-422/RS-423) Line Drivers with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1691 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS1691 Datasheet HTML 1Page - National Semiconductor (TI) DS1691 Datasheet HTML 2Page - National Semiconductor (TI) DS1691 Datasheet HTML 3Page - National Semiconductor (TI) DS1691 Datasheet HTML 4Page - National Semiconductor (TI) DS1691 Datasheet HTML 5Page - National Semiconductor (TI) DS1691 Datasheet HTML 6Page - National Semiconductor (TI) DS1691 Datasheet HTML 7Page - National Semiconductor (TI) DS1691 Datasheet HTML 8Page - National Semiconductor (TI) DS1691 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AC Electrical Characteristics (Note 6) (Continued)
T
A = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PDH
Output Propagation Delay
R
L = 450
Ω,C
L = 500 pF, CC =0(Figure 2 )
180
300
ns
t
PDL
Output Propagation Delay
R
L = 450
Ω,C
L = 500 pF, CC =0(Figure 2 )
180
300
ns
AC Test Circuits and Switching Time Waveforms
00578303
00578304
FIGURE 1. Differential Connection
00578305
00578306
FIGURE 2. RS-423 Connection
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com