Electronic Components Datasheet Search
  English  ▼

X  

LMK02002 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMK02002
Description  Precision Clock Conditioner
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK02002 Datasheet(HTML) 3 Page - Texas Instruments

  LMK02002 Datasheet HTML 1Page - Texas Instruments LMK02002 Datasheet HTML 2Page - Texas Instruments LMK02002 Datasheet HTML 3Page - Texas Instruments LMK02002 Datasheet HTML 4Page - Texas Instruments LMK02002 Datasheet HTML 5Page - Texas Instruments LMK02002 Datasheet HTML 6Page - Texas Instruments LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LMK02002
www.ti.com
SNAS418 – AUGUST 2007
Pin Descriptions (continued)
Pin #
Pin Name
I/O
Description
44, 45
CLKout2, CLKout2*
O
LVPECL Clock Output 2
47, 48
CLKout3, CLKout3*
O
LVPECL Clock Output 3
DAP
DAP
-
Die Attach Pad is Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Parameter
Symbol
Ratings
Units
Power Supply Voltage
VCC
-0.3 to 3.6
V
Input Voltage
VIN
-0.3 to (VCC + 0.3)
V
Storage Temperature Range
TSTG
-65 to 150
°C
Lead Temperature (solder 4 s)
TL
+260
°C
Junction Temperature
TJ
125
°C
(1)
"Absolute Maximum Ratings" indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
This device is a high performance integrated circuit with ESD handling precautions. Handling of this device should only be done at ESD
protected work stations. The device is rated to a HBM-ESD of > 2 kV, a MM-ESD of > 200 V, and a CDM-ESD of > 1.2 kV.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Ambient Temperature
TA
-40
25
85
°C
Power Supply Voltage
VCC
3.15
3.3
3.45
V
Package Thermal Resistance
Package
θJA
θJ-PAD (Thermal Pad)
48-Lead WQFN (1)
27.4° C/W
5.8° C/W
(1)
Specification assumes 16 thermal vias connect the die attach pad to the embedded copper plane on the 4-layer JEDEC board. These
vias play a key role in improving the thermal performance of the WQFN. It is recommended that the maximum number of vias be used in
the board layout.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com