Electronic Components Datasheet Search
  English  ▼

X  

LMK02002 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMK02002
Description  Precision Clock Conditioner
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK02002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMK02002 Datasheet HTML 2Page - Texas Instruments LMK02002 Datasheet HTML 3Page - Texas Instruments LMK02002 Datasheet HTML 4Page - Texas Instruments LMK02002 Datasheet HTML 5Page - Texas Instruments LMK02002 Datasheet HTML 6Page - Texas Instruments LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments LMK02002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
tCES
tCS
D27
D26
D25
D24
tCH
tCWH
tCWL
D23
D0
A3
A2
A1
A0
MSB
LSB
DATAuWire
CLKuWire
LEuWire
tES
tEWH
LMK02002
SNAS418 – AUGUST 2007
www.ti.com
Serial Data Timing Diagram
Data bits set on the DATAuWire signal are clocked into a shift register, MSB first, on each rising edge of the
CLKuWire signal. On the rising edge of the LEuWire signal, the data is sent from the shift register to the
addressed register determined by the LSB bits. After the programming is complete the CLKuWire, DATAuWire,
and LEuWire signals should be returned to a low state.
Charge Pump Current Specification Definitions
I1 = Charge Pump Sink Current at VCPout = Vcc - ΔV
I2 = Charge Pump Sink Current at VCPout = Vcc/2
I3 = Charge Pump Sink Current at VCPout = ΔV
I4 = Charge Pump Source Current at VCPout = Vcc - ΔV
I5 = Charge Pump Source Current at VCPout = Vcc/2
I6 = Charge Pump Source Current at VCPout = ΔV
ΔV = Voltage offset from the positive and negative supply rails. Defined to be 0.5 V for this device.
Charge Pump Output Current Magnitude Variation vs. Charge Pump Output Voltage
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com