Electronic Components Datasheet Search
  English  ▼

X  

LMK02002 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMK02002
Description  Precision Clock Conditioner
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK02002 Datasheet(HTML) 4 Page - Texas Instruments

  LMK02002 Datasheet HTML 1Page - Texas Instruments LMK02002 Datasheet HTML 2Page - Texas Instruments LMK02002 Datasheet HTML 3Page - Texas Instruments LMK02002 Datasheet HTML 4Page - Texas Instruments LMK02002 Datasheet HTML 5Page - Texas Instruments LMK02002 Datasheet HTML 6Page - Texas Instruments LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMK02002
SNAS418 – AUGUST 2007
www.ti.com
Electrical Characteristics
(1)
(3.15 V
≤ Vcc ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Differential Inputs/Outputs; except as specified. Typical values represent most
likely parametric norms at Vcc = 3.3 V, TA = 25 °C, and at the Recommended Operation Conditions at the time of product
characterization and are not specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Consumption
Entire device; CLKout0 & CLKout3
159
enabled in Bypass Mode
ICC
Power Supply Current (2)
mA
Entire device; All Outputs Off (no
70
emitter resistors placed)
ICCPD
Power Down Current
POWERDOWN = 1
1
mA
Reference Oscillator
Reference Oscillator Input Frequency
fOSCin square
1
200
MHz
Range for Square Wave
AC coupled; Differential (VOD)
Square Wave Input Voltage for OSCin and
VOSCinsquare
0.2
1.6
Vpp
OSCin*
Frequency Input
fFin
Frequency Input Frequency Range
1
800
MHz
SLEWFin
Frequency Input Slew Rate
See (3)(4)
0.5
V/ns
DUTYFin
Frequency Input Duty Cycle
40
60
%
PFin
Input Power Range for Fin or Fin*
AC coupled
-13
8
dBm
PLL
fCOMP
Phase Detector Frequency
40
MHz
VCPout = Vcc/2, PLL_CP_GAIN = 1x
100
VCPout = Vcc/2, PLL_CP_GAIN = 4x
400
ISRCECPout
Charge Pump Source Current
µA
VCPout = Vcc/2, PLL_CP_GAIN = 16x
1600
VCPout = Vcc/2, PLL_CP_GAIN = 32x
3200
VCPout = Vcc/2, PLL_CP_GAIN = 1x
-100
VCPout = Vcc/2, PLL_CP_GAIN = 4x
-400
ISINKCPout
Charge Pump Sink Current
μA
VCPout = Vcc/2, PLL_CP_GAIN = 16x
-1600
VCPout = Vcc/2, PLL_CP_GAIN = 32x
-3200
ICPoutTRI
Charge Pump TRI-STATE Current
0.5 V < VCPout < Vcc - 0.5 V
2
10
nA
Magnitude of Charge Pump
VCPout = Vcc / 2
ICPout%MIS
3
%
Sink vs. Source Current Mismatch
TA = 25°C
Magnitude of Charge Pump
0.5 V < VCPout < Vcc - 0.5 V
ICPoutVTUNE
4
%
Current vs. Charge Pump Voltage Variation
TA = 25°C
Magnitude of Charge Pump Current vs.
ICPoutTEMP
4
%
Temperature Variation
PLL_CP_GAIN = 1x
-117
PLL 1/f Noise at 10 kHz Offset (5)
PN10kHz
dBc/Hz
Normalized to 1 GHz Output Frequency
PLL_CP_GAIN = 32x
-122
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
See CURRENT CONSUMPTION / POWER DISSIPATION CALCULATIONS for more current consumption / power dissipation
calculation information.
(3)
For all frequencies the slew rate, SLEWFin, is measured between 20% and 80%.
(4)
Specification is ensured by characterization and is not tested in production.
(5)
A specification in modeling PLL in-band phase noise is the 1/f flicker noise, LPLL_flicker(f), which is dominant close to the carrier. Flicker
noise has a 10 dB/decade slope. PN10kHz is normalized to a 10 kHz offset and a 1 GHz carrier frequency. PN10kHz = LPLL_flicker(10
kHz) - 20log(Fout / 1 GHz), where LPLL_flicker(f) is the single side band phase noise of only the flicker noise's contribution to total noise,
L(f). To measure LPLL_flicker(f) it is important to be on the 10 dB/decade slope close to the carrier. A high phase detector frequency and a
clean crystal are important to isolating this noise source from the total phase noise, L(f). LPLL_flicker(f) can be masked by the reference
oscillator performance if a low power or noisy source is used. The total PLL inband phase noise performance is the sum of LPLL_flicker(f)
and LPLL_flat(f).
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com