Electronic Components Datasheet Search
  English  ▼

X  

TAS5613APHD Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613APHD
Description  150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5613APHD Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5613APHD Datasheet HTML 18Page - Texas Instruments TAS5613APHD Datasheet HTML 19Page - Texas Instruments TAS5613APHD Datasheet HTML 20Page - Texas Instruments TAS5613APHD Datasheet HTML 21Page - Texas Instruments TAS5613APHD Datasheet HTML 22Page - Texas Instruments TAS5613APHD Datasheet HTML 23Page - Texas Instruments TAS5613APHD Datasheet HTML 24Page - Texas Instruments TAS5613APHD Datasheet HTML 25Page - Texas Instruments TAS5613APHD Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
TAS5613A
SLAS711B
– JUNE 2010 – REVISED SEPTEMBER 2011
www.ti.com
Note B1: It is important to have a direct low impedance return path for high current back to the power supply. Keep
impedance low from top to bottom side of PCB through a lot of ground vias.
Note B2: Bootstrap low impedance X7R ceramic capacitors placed on bottom side providing a short low inductance
current loop.
Note B3: Return currents from bulk capacitors and output filter capacitors.
Figure 15. Printed Circuit Board - Bottom Layer
22
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS5613A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com