Electronic Components Datasheet Search
  English  ▼

X  

TAS5613APHD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613APHD
Description  150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5613APHD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5613APHD Datasheet HTML 3Page - Texas Instruments TAS5613APHD Datasheet HTML 4Page - Texas Instruments TAS5613APHD Datasheet HTML 5Page - Texas Instruments TAS5613APHD Datasheet HTML 6Page - Texas Instruments TAS5613APHD Datasheet HTML 7Page - Texas Instruments TAS5613APHD Datasheet HTML 8Page - Texas Instruments TAS5613APHD Datasheet HTML 9Page - Texas Instruments TAS5613APHD Datasheet HTML 10Page - Texas Instruments TAS5613APHD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
2-CHANNEL
H-BRIDGE
BTL MODE
Output
H-Bridge 2
Hardwire
Over-
Current
Limit
8
PVDD
PowerSupply
Decoupling
GVDD, VDD,
& VREG
PowerSupply
Decoupling
SYSTEM
Power
Supplies
PVDD
GVDD (12V)/VDD (12V)
GND
36V
12V
GND
VAC
Bootstrap
Caps
BST_C
BST_D
2
nd Order
L-COutput
Filterfor
each
H-Bridge
OUT_C
OUT_D
Bootstrap
Caps
BST_A
BST_B
INPUT_A
2
nd Order
L-COutput
Filterfor
each
H-Bridge
OUT_A
OUT_B
8
4
Output
H-Bridge 1
Input
H-Bridge 1
INPUT_B
M2
M1
M3
Hardwire
Mode
Control
Input
H-Bridge 2
INPUT_C
INPUT_D
Caps for
External
Filtering
&
Startup/Stop
InputDC
Blocking
Caps
InputDC
Blocking
Caps
System
microcontroller
or
Analogcircuitry
ANALOG_IN_A
ANALOG_IN_B
ANALOG_IN_C
ANALOG_IN_D
FREQ_ADJ
Hardwire
PWMFrame
Rate Adjust
&
Master/Slave
Mode
OSC_IO+
OSC_IO-
Oscillator
Synchronization
2
2
2
2
(2)
TAS5613A
www.ti.com
SLAS711B
– JUNE 2010 – REVISED SEPTEMBER 2011
TYPICAL SYSTEM BLOCK DIAGRAM
Copyright
© 2010–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com