Electronic Components Datasheet Search
  English  ▼

X  

TAS5613APHD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5613APHD
Description  150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5613APHD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5613APHD Datasheet HTML 7Page - Texas Instruments TAS5613APHD Datasheet HTML 8Page - Texas Instruments TAS5613APHD Datasheet HTML 9Page - Texas Instruments TAS5613APHD Datasheet HTML 10Page - Texas Instruments TAS5613APHD Datasheet HTML 11Page - Texas Instruments TAS5613APHD Datasheet HTML 12Page - Texas Instruments TAS5613APHD Datasheet HTML 13Page - Texas Instruments TAS5613APHD Datasheet HTML 14Page - Texas Instruments TAS5613APHD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TAS5613A
www.ti.com
SLAS711B
– JUNE 2010 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
PVDD_X = 36V, GVDD_X = 12V, VDD = 12V, TC (Case temperature) = 75°C, fS = 400kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
1.9
V
INPUT_X, M1, M2, M3, RESET
VIL
Low level input voltage
0.8
V
Leakage
Input leakage current
100
μA
OTW/SHUTDOWN (SD)
Internal pullup resistance, OTW1 to VREG,
RINT_PU
20
26
32
k
Ω
OTW2 to VREG, SD to VREG
Internal pullup resistor
3
3.3
3.6
VOH
High level output voltage
V
External pullup of 4.7k
Ω to 5V
4.5
5
VOL
Low level output voltage
IO = 4 mA
200
500
mV
Device fanout OTW1, OTW2, SD, CLIP,
FANOUT
No external pullup
30
devices
READY
Copyright
© 2010–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com