Electronic Components Datasheet Search
  English  ▼

X  

DS3486 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS3486
Description  Quad RS-422, RS-423 Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3486 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3486 Datasheet HTML 1Page - National Semiconductor (TI) DS3486 Datasheet HTML 2Page - National Semiconductor (TI) DS3486 Datasheet HTML 3Page - National Semiconductor (TI) DS3486 Datasheet HTML 4Page - National Semiconductor (TI) DS3486 Datasheet HTML 5Page - National Semiconductor (TI) DS3486 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
(Unless otherwise noted, V
CC = 5V and TA = 25˚C.)
Symbol
Parameter
Min
Typ
Max
Units
t
PHL(D)
Propagation Delay Time — Differential Inputs to Output
Output High to Low
19
35
ns
t
PLH(D)
Output Low to High
19
30
ns
t
PLZ
TRI-STATE Control to Output
Output Low to TRI-STATE
23
35
ns
t
PHZ
Output High to TRI-STATE
25
35
ns
t
PZH
Output TRI-STATE to High
18
30
ns
t
PZL
Output TRI-STATE to Low
20
30
ns
AC Test Circuits and Switching Time Waveforms
DS005779-3
DS005779-4
Input pulse characteristics:
tTLH = tTHL = 6ns(10% to 90%)
PRR = 1 MHz, 50% duty cycle
FIGURE 1. Propagation Delay Differential Input to Output
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com