Electronic Components Datasheet Search
  English  ▼

X  

DS3486 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS3486
Description  Quad RS-422, RS-423 Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3486 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3486 Datasheet HTML 1Page - National Semiconductor (TI) DS3486 Datasheet HTML 2Page - National Semiconductor (TI) DS3486 Datasheet HTML 3Page - National Semiconductor (TI) DS3486 Datasheet HTML 4Page - National Semiconductor (TI) DS3486 Datasheet HTML 5Page - National Semiconductor (TI) DS3486 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS3486
Quad RS-422, RS-423 Line Receiver
General Description
National’s quad RS-422, RS-423 receiver features four inde-
pendent receivers which comply with EIA Standards for the
electrical characteristics of balanced/unbalanced voltage
digital interface circuits. Receiver outputs are 74LS compat-
ible, TRI-STATE® structures which are forced to a high im-
pedance state when the appropriate output control pin
reaches a logic zero condition. A PNP device buffers each
output control pin to assure minimum loading for either logic
one or logic zero inputs. In addition, each receiver has inter-
nal hysteresis circuitry to improve noise margin and discour-
age output instability for slowly changing input waveforms.
Features
n Four independent receivers
n TRI-STATE outputs
n Internal hysteresis −140 mV (typ)
n Fast propagation times −19 ns (typ)
n TTL compatible outputs
n 5V supply
n Pin compatible and interchangeable with MC3486
Block and Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corp.
DS005779-1
Dual-In-Line Package
DS005779-2
Top View
Order Number DS3486M or DS3486N
See NS Package Number M16A or N16E
May 1998
© 1999 National Semiconductor Corporation
DS005779
www.national.com


Similar Part No. - DS3486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486 TI2-DS3486 Datasheet
326Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
REVISED APRIL 2013
logo
National Semiconductor ...
DS3486M NSC-DS3486M Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486M TI1-DS3486M Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
DS3486M/NOPB TI1-DS3486M/NOPB Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
More results

Similar Description - DS3486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1691A NSC-DS1691A Datasheet
275Kb / 10P
(RS-422/RS-423) Line Drivers with TRI-STATE Outputs
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV.0
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
RS-422/RS-423 Line Drivers/Receivers
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV. 0
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180_15 Datasheet
109Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com