Electronic Components Datasheet Search
  English  ▼

X  

DS3486 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS3486
Description  Quad RS-422, RS-423 Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3486 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3486 Datasheet HTML 1Page - National Semiconductor (TI) DS3486 Datasheet HTML 2Page - National Semiconductor (TI) DS3486 Datasheet HTML 3Page - National Semiconductor (TI) DS3486 Datasheet HTML 4Page - National Semiconductor (TI) DS3486 Datasheet HTML 5Page - National Semiconductor (TI) DS3486 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage, V
CC
8V
Input Common-Mode Voltage,
V
ICM
±25V
Input Differential Voltage, V
ID
±25V
TRI-STATE Control Input
Voltage, V
I
8V
Output Sink Current, I
O
50 mA
Storage Temperature, T
STG
−65˚C to +150˚C
Maximum Power Dissipation (Note 1) at 25˚C
Molded Dip Package
1362 mW
SO Package
1002 mW
Operating Conditions
Max
Min
Units
Power Supply Voltage, V
CC
4.75
5.25
V
Operating Temperature, T
A
070
˚C
Input Common-Mode Voltage
−7.0
7.0
V
Range, V
ICR
Note 1: Derate Dip molded package 10.2 mW/˚C above 25˚C. Derate SO
package 8.01 mW/˚C above 25˚C.
Electrical Characteristics (Note 3)
(Unless otherwise noted, minimum and maximum limits apply over recommended temperature and power supply voltage
ranges. Typical values are for T
A = 25˚C, VCC = 5V and VIC = 0V.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Input Voltage — High Logic State
2.0
V
(TRI-STATE Control)
V
IL
Input Voltage — Low Logic State
0.8
V
(TRI-STATE Control)
V
TH(D)
Differential Input Threshold Voltage
−7V
≤ V
IC ≤ 7V, VIH TRI-STATE = 2V
0.070
0.2
V
I
O = −0.4 mA, VOH ≥ 2.7V
I
O = 8 mA, VOL ≥ 0.5V
0.070
−0.2
V
I
IB (D)
Input Bias Current
V
CC = 0V or 5.25V, Other Inputs at 0V
V
I = −10V
−3.25
mA
V
I = −3V
−1.50
mA
V
I = 3V
1.50
mA
V
I = 10V
3.25
mA
Input Balance
−7V
≤ V
IC ≤ 7V, VIH(3C) = 2V,
(Note 5)
V
OH
I
O = −0.4 mA, VID = 0.4V
2.7
V
V
OL
I
O = 8 mA, VID = −0.4V
0.5
V
I
OZ
Output TRI-STATE Leakage Current
V
I(D) = 3V, VIL = 0.8V, VOL = 0.5V
−40
µA
V
I(D) = −3V, VIL = 0.8V, VOH = 2.7V
40
µA
I
OS
Output Short-Circuit Current
V
I(D) = 3V, VIH TRI-STATE = 2V,
−15
−100
mA
V
O = 0V, (Note 4)
I
IL
Input Current — Low Logic State
V
IL = 0.5V
−100
µA
(TRI-STATE Control)
I
IH
Input Current — High Logic State
V
IH = 2.7V
20
µA
(TRI-STATE Control)
V
IH = 5.25V
100
µA
V
IC
Input Clamp Diode Voltage
I
IN = −10 mA
−1.5
V
(TRI-STATE Control)
I
CC
Power Supply Current
All Inputs V
IL = 0V
85
mA
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: All currents into device pins are shown as positive, out of device pins are negative. All voltages referenced to ground unless otherwise noted.
Note 4: Only one output at a time should be shorted.
Note 5: Refer to EIA RS-422/3 for exact conditions.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com