Electronic Components Datasheet Search
  English  ▼

X  

TFP403 Datasheet(PDF) 4 Page - Texas Instruments

Part # TFP403
Description  Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP403 Datasheet(HTML) 4 Page - Texas Instruments

  TFP403_13 Datasheet HTML 1Page - Texas Instruments TFP403_13 Datasheet HTML 2Page - Texas Instruments TFP403_13 Datasheet HTML 3Page - Texas Instruments TFP403_13 Datasheet HTML 4Page - Texas Instruments TFP403_13 Datasheet HTML 5Page - Texas Instruments TFP403_13 Datasheet HTML 6Page - Texas Instruments TFP403_13 Datasheet HTML 7Page - Texas Instruments TFP403_13 Datasheet HTML 8Page - Texas Instruments TFP403_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ODCK
44
DO
Output data clock—Pixel clock. All pixel outputs QE[23:0] and QO[23:0] (if in 2-pixel/clock mode) along with
DE, HSYNC, VSYNC, and CTL[2:1] are synchronized to this clock.
OGND
19,28,45,
58,76
GND
Output driver ground—Ground reference and current return for digital output drivers
OVDD
18,29,43,
57,78
VDD
Output driver VDD—Power supply for output drivers. Nominally 3.3 V
PD
2
DI
Power down—An active low signal that controls the TFP403 power-down state. During power down all output
buffers are switched to a high impedance state. All analog circuits are powered down and all inputs are
disabled, except for PD.
If PD is left unconnected an internal pullup will default the TFP403 to normal operation.
High : Normal operation
Low: Power down
PDO
9
DI
Output drive power down—An active low signal that controls the power-down state of the output drivers.
During output drive powerdown, the output drivers (except SCDT and CTL1) are driven to a high impedance
state. A weak pulldown will slowly pull these outputs to a low level. When PDO is left unconnected, an internal
pullup defaults the TFP403 to normal operation.
High : Normal operation/output drivers on
Low: Output drive power down.
PGND
98
GND
PLL GND—Ground reference and current return for internal PLL
PIXS
4
DI
Pixel select—Selects between one or two pixels per clock output modes. During the 2-pixel/clock mode, both
even pixels, QE[23:0], and odd pixels, QO[23:0], are output in tandem on a given clock cycle. During
1-pixel/clock, even and odd pixels are output sequentially, one at a time, with the even pixel first, on the even
pixel bus, QE[23:0]. (The first pixel per line is pixel-0, the even pixel. The second pixel per line is pixel-1, the
odd pixel.)
High : 2-pixel/clock
Low: 1-pixel/clock
PVDD
97
VDD
PLL VDD—Power supply for internal PLL. Nominally 3.3 V
QE[0:7]
10-17
DO
Even blue pixel output—Output for even and odd blue pixels when in 1-pixel/clock mode. Output for even only
blue pixel when in 2-pixel per clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE0/pin 10
MSB: QE7/pin 17
QE[8:15]
20-27
DO
Even green pixel output—Output for even and odd green pixels when in 1-pixel/clock mode. Output for even
only green pixel when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE8/pin 20
MSB: QE15/pin 27
QE[16:23]
30-37
DO
Even red pixel output—Output for even and odd red pixels when in 1-pixel/clock mode. Output for even only
red pixel when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE16/pin 30
MSB: QE23/pin 37
QO[0:7]
49-56
DO
Odd blue pixel output—Output for odd only blue pixel when in 2-pixel/clock mode. Not used, and held low,
when in 1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO0/pin 49
MSB: QO7/pin 56
QO[8:15]
59-66
DO
Odd green pixel output—Output for odd only green pixel when in 2-pixel/clock mode. Not used, and held low,
when in 1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO8/pin 59
MSB: QO15/pin 66
QO[16:23]
69-75,77
DO
Odd red pixel output—Output for odd only red pixel when in 2-pixel/clock mode. Not used, and held low, when
in 1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO16/pin 69
MSB: QO23/pin 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com