Electronic Components Datasheet Search
  English  ▼

X  

TFP403 Datasheet(PDF) 10 Page - Texas Instruments

Part # TFP403
Description  Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP403 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TFP403_13 Datasheet HTML 6Page - Texas Instruments TFP403_13 Datasheet HTML 7Page - Texas Instruments TFP403_13 Datasheet HTML 8Page - Texas Instruments TFP403_13 Datasheet HTML 9Page - Texas Instruments TFP403_13 Datasheet HTML 10Page - Texas Instruments TFP403_13 Datasheet HTML 11Page - Texas Instruments TFP403_13 Datasheet HTML 12Page - Texas Instruments TFP403_13 Datasheet HTML 13Page - Texas Instruments TFP403_13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 7. Delay From PD Low to Hi-Z Outputs
Figure 8. Delay From PDO Low to Hi-Z Outputs
PD
QE(0-23), QO(0-23),
ODCK, DE, CTL(1-2),
HSYNC, VSYNC, SCDT
tpd(PDL)
PDO
QE(0-23), QO(0-23),
ODCK, DE, CTL2,
HSYNC, VSYNC
tpd(PDOL)
VIL
VIL
Figure 9. Analog Input Channel-to-Channel Skew
t(ccs)
50%
50%
TX2
TX1
TX0
tt(HSC)
tt(FSC)
DE
SCDT
Figure 10. Time Between DE Transitions to SCDT Low and SCDT High
t(DEL)
t(DEH)
DE
Figure 11. Minimum DE Low and Maximum DE High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com