Electronic Components Datasheet Search
  English  ▼

X  

TFP403 Datasheet(PDF) 5 Page - Texas Instruments

Part # TFP403
Description  Supports Pixel Rates Up to 165MHz (Including 1080p and WUXGA at 60 Hz)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP403 Datasheet(HTML) 5 Page - Texas Instruments

  TFP403_13 Datasheet HTML 1Page - Texas Instruments TFP403_13 Datasheet HTML 2Page - Texas Instruments TFP403_13 Datasheet HTML 3Page - Texas Instruments TFP403_13 Datasheet HTML 4Page - Texas Instruments TFP403_13 Datasheet HTML 5Page - Texas Instruments TFP403_13 Datasheet HTML 6Page - Texas Instruments TFP403_13 Datasheet HTML 7Page - Texas Instruments TFP403_13 Datasheet HTML 8Page - Texas Instruments TFP403_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TFP403
TI
PanelBus™ DIGITAL RECEIVER
SLDS125B − DECEMBER 2000 − REVISED MAY 2011
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
RSVD
42
DO
Reserved. Must be tied high for normal operation
RSVD
92−96
AI
Reserved. See TFP501 data sheet for intended future use.
RxC+
89
AI
Clock positive receiver input—Positive side of reference clock. TMDS low voltage signal differential input pair
RxC−
90
AI
Clock negative receiver input—Negative side of reference clock. TMDS low voltage signal differential input
pair
Rx0+
86
AI
Channel-0 positive receiver input—Positive side of channel-0. TMDS low voltage signal differential input pair.
Channel-0 receives blue pixel data in active display and HSYNC, VSYNC control signals in blank.
Rx0−
87
AI
Channel-0 negative receiver input—Negative side of channel-0. TMDS low voltage signal differential input
pair.
Rx1+
83
AI
Channel-1 positive receiver input—Positive side of channel-1 TMDS low voltage signal differential input pair.
Channel-1 receives green pixel data in active display and CTL1 control signals in blank.
Rx1−
84
AI
Channel-1 negative receiver input—Negative side of channel-1 TMDS low voltage signal differential input pair
Rx2+
80
AI
Channel-2 positive receiver input—Positive side of channel-2 TMDS low voltage signal differential input pair.
Channel-2 receives red pixel data in active display and CTL2 control signals in blank.
Rx2−
81
AI
Channel-2 negative receiver input—Negative side of channel-2 TMDS low voltage signal differential input
pair.
SCDT
8
DO
Sync detect—Output to signal when the link is active or inactive. The link is considered to be active when DE is
actively switching. The TFP403 monitors the state DE to determine link activity. SCDT can be tied externally to
PDO to power down the output drivers when the link is inactive.
High: Active link
Low: Inactive link
ST
3
DI
Output drive strength select—Selects output drive strength for high or low current drive. (See dc specifications
for IOH and IOL vs ST state.)
High : High drive strength
Low : Low drive strength
STAG
7
DI
Staggered pixel select—An active low signal used in the 2-pixel/clock pixel mode (PIXS = high). Time staggers
the even and odd pixel outputs to reduce ground bounce. Normal operation outputs the odd and even pixels
simultaneously.
High : Normal simultaneous even/odd pixel output
Low: Time staggered even/odd pixel output
VSYNC
47
DO
Vertical sync output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com