Electronic Components Datasheet Search
  English  ▼

X  

THS1041CPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS1041CPWR Datasheet HTML 16Page - Texas Instruments THS1041CPWR Datasheet HTML 17Page - Texas Instruments THS1041CPWR Datasheet HTML 18Page - Texas Instruments THS1041CPWR Datasheet HTML 19Page - Texas Instruments THS1041CPWR Datasheet HTML 20Page - Texas Instruments THS1041CPWR Datasheet HTML 21Page - Texas Instruments THS1041CPWR Datasheet HTML 22Page - Texas Instruments THS1041CPWR Datasheet HTML 23Page - Texas Instruments THS1041CPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
20
www.ti.com
PRINCIPLES OF OPERATION
onboard reference generator configuration
The internal bandgap reference A1 can provide a supply-voltage-independent and temperature-independent
voltage on pin VREF.
External connections to REFSENSE control A1’s output to the VREF pin as shown in Table 1.
Table 1. Effect of REFSENSE Connection on VREF Value
REFSENSE CONNECTION
A1 OUTPUT TO VREF
REFER TO:
VREF pin
0.5 V
Figure 30
AGND
1 V
Figure 31
External divider junction
(1 + Ra/Rb)/2 V
Figure 32
AVDD
Open circuit
Figure 33
REFSENSE = AVDD powers the internal bandgap reference A1 down, saving power when A1 is not required.
If MODE is connected to AVDD or AVDD/2, then the voltage at VREF determines the ADC reference voltages:
REFT
+
AV
DD
2
) VREF
2
REFB
+
AV
DD
2
* VREF
2
REFT–REFB
+ VREF
_
+
_
+
VBG
ADC
References
Buffer A2
MODE =
REFSENSE
0.1
µF 1 µF
AGND
VREF = 0.5 V
AVDD
2
or AVDD
Figure 30. 0.5-V VREF Using the Internal Bandgap Reference A1
(10)
(11)
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com