Electronic Components Datasheet Search
  English  ▼

X  

THS1041CPWR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS1041CPWR Datasheet HTML 21Page - Texas Instruments THS1041CPWR Datasheet HTML 22Page - Texas Instruments THS1041CPWR Datasheet HTML 23Page - Texas Instruments THS1041CPWR Datasheet HTML 24Page - Texas Instruments THS1041CPWR Datasheet HTML 25Page - Texas Instruments THS1041CPWR Datasheet HTML 26Page - Texas Instruments THS1041CPWR Datasheet HTML 27Page - Texas Instruments THS1041CPWR Datasheet HTML 28Page - Texas Instruments THS1041CPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
25
www.ti.com
PRINCIPLES OF OPERATION
clamp operation (continued)
Line Sync
Black
Level
Video at AIN
CLAMP
Figure 39. Example Waveforms for Line-Clamping to a Video Input Black Level
clamp DAC output voltage range and limits
When using the internal clamp DAC, the user must ensure that the desired dc clamp level at AIN+/− lies within
the voltage range VREFB to VREFT. This is because the clamp DAC voltage is constrained to lie within this range
VREFB to VREFT. Specifically:
VDAC
+ V
REFB ) (VREFT * VREFB)
(0.006
) 0.988
(DAC code) 1024)
DAC codes can range from 0 to 1023. Figure 40 graphically shows the clamp DAC output voltage versus the
DAC code.
VDAC
0
1023
VREFB + 0.006(VREFT−VREFB)
VREFB + 0.987(VREFT−VREFB)
DAC Code
VREFT
VREFB
Figure 40. Clamp DAC Output Voltage Versus DAC Register Code Value
If the desired dc level at AIN+/− does not lie within the voltage range VREFT to VREFB, then either the CLAMPIN
pin can be used instead to provide a suitable reference voltage, or it may be possible to redesign the application
to move the AIN+/− input range into the CLAMP DAC voltage range.
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com