Electronic Components Datasheet Search
  English  ▼

X  

THS1041CPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS1041CPWR
Description  10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1041CPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS1041CPWR Datasheet HTML 20Page - Texas Instruments THS1041CPWR Datasheet HTML 21Page - Texas Instruments THS1041CPWR Datasheet HTML 22Page - Texas Instruments THS1041CPWR Datasheet HTML 23Page - Texas Instruments THS1041CPWR Datasheet HTML 24Page - Texas Instruments THS1041CPWR Datasheet HTML 25Page - Texas Instruments THS1041CPWR Datasheet HTML 26Page - Texas Instruments THS1041CPWR Datasheet HTML 27Page - Texas Instruments THS1041CPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
THS1041
SLAS289C − OCTOBER 2001 − REVISED OCTOBER 2004
24
www.ti.com
PRINCIPLES OF OPERATION
operating configuration examples (continued)
Figure 37 shows a configuration using external ADC references for digitizing a differential input with span 0.8 V.
To maximize the signal swing at the ADC core, the PGA gain is set to 2.5 to give a 2-Vp-p output from the PGA.
MODE is tied to ground to disable the internal reference buffer. The external ADC reference sources must set
REFT 1 V higher than REFB to set the ADC input span to 2 Vp-p, and the voltages provided by the external
sources must be centered near AVDD/2 for best ADC operation. REFSENSE is shown tied to AVDD to disable
the internal bandgap refence (A1), though other components in the system may use the VREF output if desired.
External ADC references are best suited to applications which require the tighter reference voltage tolerance
and temperature coefficient than the internal bandgap reference (A1) can provide, or where the references are
to be shared among several THS1041 ADCs for best matching of their ADC channels.
AIN+
AIN−
REFB
MODE
REFSENSE
AVDD
1.7 V
1.3 V
1.7 V
1.3 V
1.5 V
1.5 V
REFT
2 V
1 V
0.1
µF
10
µF
20 pF
20 pF
20
Ω
20
Ω
10
µF
10
µF
Figure 37. Operating Configuration: 0.8-V Differential Input and External ADC References
clamp operation
10-Bit
DAC
_
+
CLAMPIN
CLAMP
AIN+
RIN
CIN
V(Clamp)
Control Register (Bit CLINT)
S/H
VIN
SW1
CLAMPOUT
Figure 38. Schematic of Clamp Circuitry
The THS1041 provides a clamp function for restoring a dc reference level to the signal at AIN+ or AIN− which
has been lost through ac-coupling from the signal source to this pin.
Figure 38 and Figure 39 show an example of using the clamp to restore the black level of a composite video
input ac-coupled to AIN+. While the clamp pin is held high, the clamp amplifier forces the voltage at AIN+ to equal
the clamp reference voltage, setting the dc voltage at AIN+ for the video black level.
After power up, the clamp reference voltage is the voltage on the CLAMPIN pin. This reference can instead be
taken from the internal CLAMP DAC by suitably programming the THS1041 clamp and control registers.
Clamp acquisition and clamp droop design calculations are discussed later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com