Electronic Components Datasheet Search
  English  ▼

X  

THS4022CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022CD
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4022CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4022CD Datasheet HTML 3Page - Texas Instruments THS4022CD Datasheet HTML 4Page - Texas Instruments THS4022CD Datasheet HTML 5Page - Texas Instruments THS4022CD Datasheet HTML 6Page - Texas Instruments THS4022CD Datasheet HTML 7Page - Texas Instruments THS4022CD Datasheet HTML 8Page - Texas Instruments THS4022CD Datasheet HTML 9Page - Texas Instruments THS4022CD Datasheet HTML 10Page - Texas Instruments THS4022CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
0
50
100 150 200 250 300 350 400
t − Time − ns
G017
VCC = ± 15 V
Gain = 10
RF = 220 Ω
RL = 150 Ω
−3
−2
−1
0
1
2
3
0
50
100 150 200 250 300 350 400
t − Time − ns
G016
VCC = ± 5 V
Gain = −10
RF = 220 Ω
RL = 150 Ω
−6
−4
−2
0
2
4
6
0
100
200
300
400
500
t − Time − ns
G018
VCC = ± 15 V
Gain = 10
RF = 220 Ω
RL = 150
−0.30
−0.25
−0.20
−0.15
−0.10
−0.05
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
G019
VCC = ± 15 V
VCC = ± 5 V
3.00
3.05
3.10
3.15
3.20
3.25
3.30
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
G020
VCC = ± 5 V & ±15 V
2
4
6
8
10
12
14
5
7
9
11
13
15
+VCC − Supply Voltage − V
G021
TA = 25°C
RL = 150 Ω
RL = 1 kΩ
3
5
7
9
11
13
15
5
7
9
11
13
15
+VCC − Supply Voltage − V
G022
TA = 25°C
0
2
4
6
8
10
12
14
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
G023
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
VCC = ± 15 V
RL = 250 Ω
VCC = ± 15 V
RL = 1 kΩ
5
6
7
8
9
10
11
5
7
9
11
13
15
+VCC − Supply Voltage − V
G024
TA=85°C
TA=−40°C
TA=25°C
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
5-V STEP RESPONSE
1-V STEP RESPONSE
10-V STEP RESPONSE
Figure 18.
Figure 19.
Figure 20.
INPUT OFFSET VOLTAGE
INPUT BIAS CURRENT
OUTPUT VOLTAGE
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 21.
Figure 22.
Figure 23.
COMMON-MODE INPUT VOLTAGE
OUTPUT VOLTAGE
SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 24.
Figure 25.
Figure 26.
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com