Electronic Components Datasheet Search
  English  ▼

X  

THS4022CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022CD
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4022CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4022CD Datasheet HTML 5Page - Texas Instruments THS4022CD Datasheet HTML 6Page - Texas Instruments THS4022CD Datasheet HTML 7Page - Texas Instruments THS4022CD Datasheet HTML 8Page - Texas Instruments THS4022CD Datasheet HTML 9Page - Texas Instruments THS4022CD Datasheet HTML 10Page - Texas Instruments THS4022CD Datasheet HTML 11Page - Texas Instruments THS4022CD Datasheet HTML 12Page - Texas Instruments THS4022CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
Theory of Operation
IN– (2)
IN+(3)
NULL (1)
NULL (8)
(6)OUT
(4)V
CC–
(7)V
CC+
S0276-01
Noise Calculations and Noise Figure
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
The THS402x is a high-speed operational amplifier configured in a voltage feedback architecture. It is built using
a 30-V, dielectrically isolated, complementary bipolar process with NPN and PNP transistors possessing fT of
several GHz. This results in an exceptionally high-performance amplifier that has a wide bandwidth, high slew
rate, fast settling time, and low distortion. A simplified schematic is shown in Figure 30.
Figure 30. THS4021 Simplified Schematic
Noise can cause errors on very small signals. This is especially true when amplifying small signals, where
signal-to-noise ratio (SNR) is very important. The noise model for the THS402x is shown in Figure 31. This
model includes all of the noise sources as follows:
• e
n = Amplifier internal voltage noise (nV/√Hz)
• IN+ = Noninverting current noise (pA/√Hz)
• IN– = Inverting current noise (pA/√Hz)
• e
Rx = Thermal voltage noise associated with each resistor (eRx = 4 kTRx)
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com