Electronic Components Datasheet Search
  English  ▼

X  

THS4022CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4022CD
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4022CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4022CD Datasheet HTML 9Page - Texas Instruments THS4022CD Datasheet HTML 10Page - Texas Instruments THS4022CD Datasheet HTML 11Page - Texas Instruments THS4022CD Datasheet HTML 12Page - Texas Instruments THS4022CD Datasheet HTML 13Page - Texas Instruments THS4022CD Datasheet HTML 14Page - Texas Instruments THS4022CD Datasheet HTML 15Page - Texas Instruments THS4022CD Datasheet HTML 16Page - Texas Instruments THS4022CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
Offset Voltage
+
–
V
IO
R
G
R
S
R
F
I
IB–
V
OS
I
IB+
+
–
S0280-01
(
)
RF
V
V
I
R
1
I
R
OS
IO
IB
S
IB
F
RG
æ
ö
= ±
±
´
+
±
´
ç
÷
+
-
ç
÷
è
ø
General Configurations
V
I
V
O
C1
+
–
R
G
R
F
R1
S0281-01
3dB
1
f
2 R1C1
-
=
p
O
F
I
G
V
R
1
1
V
R
1
sR1C1
æ
öæ
ö
=
+
ç
֍
÷
ç
÷
+
è
ø
è
ø
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
The output offset voltage (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The schematic and formula of Figure 35 can be used to calculate the output offset
voltage.
Figure 35. Output Offset Voltage Model
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often required.
The simplest way to accomplish this is to place an RC filter at the noninverting terminal of the amplifier (see
Figure 36).
Figure 36. Single-Pole Low-Pass Filter
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com