Electronic Components Datasheet Search
  English  ▼

X  

TIBPAL22V10AC Datasheet(PDF) 1 Page - Texas Instruments

Part # TIBPAL22V10AC
Description  HIGH-PERFORMANCE IMPACT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10AC Datasheet(HTML) 1 Page - Texas Instruments

  TIBPAL22V10AC Datasheet HTML 1Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 2Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 3Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 4Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 5Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 6Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 7Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 8Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TIBPAL22V10C, TIBPAL22V10AC, TIBPAL22V10AM
HIGH-PERFORMANCE
IMPACT ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS024A − OCTOBER 1986 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 2010, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
• Second-Generation PLD Architecture
• Choice of Operating Speeds
TIBPAL22V10AC . . . 25 ns Max
TIBPAL22V10AM . . . 30 ns Max
TIBPAL22V10C . . . 35 ns Max
• Increased Logic Power − Up to 22 Inputs
and 10 Outputs
• Increased Product Terms − Average of 12
Per Output
• Variable Product Term Distribution
Allows More Complex Functions to Be
Implemented
• Each Output Is User Programmable for
Registered or Combinational Operation,
Polarity, and Output Enable Control
• TTL-Level Preload for Improved Testability
• Extra Terms Provide Logical Synchronous
Set and Asynchronous Reset Capability
• Fast Programming, High Programming
Yield, and Unsurpassed Reliability Ensured
Using Ti-W Fuses
• AC and DC Testing Done at the Factory
Utilizing Special Designed-In Test Features
• Dependable Texas Instruments Quality and
Reliability
• Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to Plastic
and Ceramic DIPs
• Functionally Equivalent to AMDs
AMPAL22V10 and AMPAL22V10A
description
The TIBPAL22V10 and TIBPAL22V10A are programmable array logic devices featuring high speed and
functional equivalency when compared to presently available devices. They are implemented with the familiar
sum-of-products (AND-OR) logic structure featuring the new concept “Programmable Output Logic Macrocell”.
These IMPACT
™ circuits combine the latest Advanced Low-Power Schottky technology with proven
titanium-tungsten fuses to provide reliable, high-performance substitutes for conventional TTL logic.
These devices contain up to 22 inputs and 10 outputs. They incorporate the unique capability of defining and
programming the architecture of each output on an individual basis. Outputs may be registered or nonregistered
and inverting or noninverting as shown in the output logic macrocell diagram. The ten potential outputs are
enabled through the use of individual product terms.
These devices are covered by U.S. Patent 4,410,987.
IMPACT is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/I
I
I
I
I
I
I
I
I
I
I
GND
VCC
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
C SUFFIX . . . NT PACKAGE
M SUFFIX . . . JT OR W PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
I/O/Q
I/O/Q
I/O/Q
NC
I/O/Q
I/O/Q
I/O/Q
I
I
I
NC
I
I
I
426
14 15 16 17 18
C SUFFIX . . . FN PACKAGE
M SUFFIX . . . FK PACKAGE
(TOP VIEW)
NC
− No internal connection
Pin assignments in operating mode
TIBPAL22V10AM is Not Recommended For New Designs


Similar Part No. - TIBPAL22V10AC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10AC TI-TIBPAL22V10AC Datasheet
158Kb / 17P
HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10ACFN TI-TIBPAL22V10ACFN Datasheet
158Kb / 17P
HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10ACNT TI-TIBPAL22V10ACNT Datasheet
158Kb / 17P
HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - TIBPAL22V10AC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
HIGH-PERFORMANCE IMPACT PAL CIRCUITS
5962-85155052A TI-5962-85155052A Datasheet
645Kb / 27P
LOW-POWER HIGH-PERFORMANCE IMPACT
TIBPAL16L8-15M TI1-TIBPAL16L8-15M_14 Datasheet
445Kb / 19P
HIGH-PERFORMANCE IMPACT
TIBPAL20L8-7C TI1-TIBPAL20L8-7C_15 Datasheet
672Kb / 28P
HIGH-PERFORMANCE IMPACT-X
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
HIGH-PERFORMANCE IMPACT-X
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C_15 Datasheet
448Kb / 24P
HIGH-PERFORMANCE IMPACT-X
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com