Electronic Components Datasheet Search
  English  ▼

X  

TIBPAL22V10AC Datasheet(PDF) 12 Page - Texas Instruments

Part # TIBPAL22V10AC
Description  HIGH-PERFORMANCE IMPACT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10AC Datasheet(HTML) 12 Page - Texas Instruments

Back Button TIBPAL22V10AC Datasheet HTML 8Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 9Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 10Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 11Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 12Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 13Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 14Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 15Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TIBPAL22V10C, TIBPAL22V10AC, TIBPAL22V10AM
HIGH-PERFORMANCE
IMPACT ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS024A − OCTOBER 1986 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
12
preload procedure for registered outputs (see Notes 2 and 3)
The output registers can be preloaded to any desired state during device testing. This permits any state to be
tested without having to step through the entire state-machine sequence. Each register is preloaded individually
by following the steps given below:
Step 1. With VCC at 5 V and pin 1 at VIL, raise pin 13 to VIHH.
Step 2. Apply either VIL or VIH to the output corresponding to the register to be preloaded.
Step 3. Pulse pin 1, clocking in preload data.
Step 4. Remove output voltage, then lower pin 13 to VIL. Preload can be verified by observing the voltage level
at the output pin.
td
tsu
tw
td
VIHH
VIL
VIL
VOL
VOH
VIH
Pin 13
Pin 1
Registered I/O
Input
Output
VIH
VIL
Figure 2. Preload Waveforms
NOTES: 2. Pin numbers shown are for JT and NT packages only. If chip-carrier socket adapter is not used, pin numbers must be changed
accordingly.
3.
td = tsu = tw = 100 ns to 1000 ns. VIHH = 10.25 V to 10.75 V.
TIBPAL22V10AM is Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com