Electronic Components Datasheet Search
  English  ▼

X  

TIBPAL22V10AC Datasheet(PDF) 10 Page - Texas Instruments

Part # TIBPAL22V10AC
Description  HIGH-PERFORMANCE IMPACT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10AC Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIBPAL22V10AC Datasheet HTML 6Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 7Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 8Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 9Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 10Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 11Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 12Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 13Page - Texas Instruments TIBPAL22V10AC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ns
Pulse duration
tw
ns
tsu
Setup time before clock
↑
TIBPAL22V10AM
HIGH-PERFORMANCE
IMPACT ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS024A − OCTOBER 1986 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
−5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle or during a preload cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
−2
mA
IOL
Low-level output current
12
mA
fclock
Clock frequency†
22
MHz
Clock high or low
20
Asynchronous reset high or low
30
Input
25
Feedback
25
Synchronous set
25
Asynchronous reset low (inactive)
30
th
Hold time, input, set, or feedback after clock
↑
0
ns
TA
Operating free-air temperature
−55
125
°C
† fclock (with feedback) =
1
tsu ) tpd(CLK to Q)
, fclock (without feedback) =
1
tw(low) ) tw(high)
TIBPAL22V10AM is Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com