Electronic Components Datasheet Search
  English  ▼

X  

THS6092/3 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS6092/3
Description  175mA,12V ADSL CPE LINE DRIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6092/3 Datasheet(HTML) 3 Page - Texas Instruments

  THS6092/3 Datasheet HTML 1Page - Texas Instruments THS6092/3 Datasheet HTML 2Page - Texas Instruments THS6092/3 Datasheet HTML 3Page - Texas Instruments THS6092/3 Datasheet HTML 4Page - Texas Instruments THS6092/3 Datasheet HTML 5Page - Texas Instruments THS6092/3 Datasheet HTML 6Page - Texas Instruments THS6092/3 Datasheet HTML 7Page - Texas Instruments THS6092/3 Datasheet HTML 8Page - Texas Instruments THS6092/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
THS6052, THS6053
175 mA, ±12 V ADSL CPE LINE DRIVERS
SLOS293D − JUNE 2000 − REVISED DECEMBER 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±12 V, RFEEDBACK = 750 Ω, RL = 100 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G= 1, RF = 1 kΩ
VCC = ± 5 V
110
RL = 50 Ω
G= 1, RF = 1 kΩ
VCC = ±12 V
120
RL = 50 Ω
G= 2, RF = 680 Ω
VCC = ±5 V, ±12 V
100
BW
Small-signal bandwidth (− 3 dB)
G= 8, RF = 330 Ω
VCC = ±5 V, ±12 V
90
MHz
BW
Small-signal bandwidth (− 3 dB)
G= 1, RF = 1 kΩ
VCC = ± 5 V
150
MHz
RL = 100 Ω
G= 1, RF = 1 kΩ
VCC = ±12 V
170
RL = 100 Ω
G= 2, RF = 680 Ω
VCC = ±5 V, ±12 V
135
G= 8, RF = 330 Ω
VCC = ±5 V, ±12 V
110
VCC = ± 5 V
VCC = ± 5 V
650
VO = 4 VPP VCC = ±12 V
VCC = ±12 V
850
SR
Slew rate (see Note 2), G=8
VO = 4 VPP
VCC = ±15 V
VCC = ±15 V
950
V/
µs
SR
Slew rate (see Note 2), G=8
VO = 16 VPP
VCC = ±12 V
VCC = ±12 V
1500
V/
µs
VO = 16 VPP
VCC = ±15 V
VCC = ±15 V
1700
NOTE 2: Slew rate is defined from the 25% to the 75% output levels.
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain = 8,
RL = 100 Ω,
V
= 12 V, f = 250 kHz
VO(pp) = 2 V
−83
THD
Total harmonic distortion (single-ended
configuration)
Gain = 8,
RL = 100 Ω,
VCC = ±12 V, f = 250 kHz
VO(pp) = 16 V
−78
dBc
THD
Total harmonic distortion (single-ended
configuration)
Gain = 8,
RL = 50 Ω,
V
= 5 V,
f = 250 kHz
VO(pp) = 2 V
−74
dBc
Gain = 8,
RL = 50 Ω,
VCC = ±5 V,
f = 250 kHz
VO(pp) = 6 V
−72
Vn
Input voltage noise
VCC = ±5 V,
f = 10 kHz ,
±12 V
2.1
nV/
√Hz
In
Input current noise
+Input
f = 10 kHz,
VCC = ±5 V,
VCC = ±12 V,
2.7
pA/
√Hz
In
Input current noise
−Input
CC
VCC = ±12 V,
VCC = ±15 V
10.7
pA/
√Hz
XT
Crosstalk
f = 250 kHz,
VCC = ±12 V,
G = 2,
RL= 100 Ω
VO = 2 Vp-p
−79
dBc
XT
Crosstalk
f = 250 kHz,
VCC = ±5 V,
G = 2,
RL= 50 Ω
VO = 2 Vp-p
−71
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com