Electronic Components Datasheet Search
  English  ▼

X  

THS6092/3 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS6092/3
Description  175mA,12V ADSL CPE LINE DRIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6092/3 Datasheet(HTML) 4 Page - Texas Instruments

  THS6092/3 Datasheet HTML 1Page - Texas Instruments THS6092/3 Datasheet HTML 2Page - Texas Instruments THS6092/3 Datasheet HTML 3Page - Texas Instruments THS6092/3 Datasheet HTML 4Page - Texas Instruments THS6092/3 Datasheet HTML 5Page - Texas Instruments THS6092/3 Datasheet HTML 6Page - Texas Instruments THS6092/3 Datasheet HTML 7Page - Texas Instruments THS6092/3 Datasheet HTML 8Page - Texas Instruments THS6092/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
THS6052, THS6053
175 mA, ±12 V ADSL CPE LINE DRIVERS
SLOS293D − JUNE 2000 − REVISED DECEMBER 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±12 V, RFEEDBACK = 750 Ω, RL = 100 Ω (unless otherwise noted) (continued)
dc performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
TA = 25°C
5
10
Input offset voltage
VCC = ±12 V,
TA = full range
15
mV
VOS
Differential offset voltage
VCC = ±12 V,
VCC = ±6 V
TA = 25°C
3
6
mV
VOS
Differential offset voltage
VCC = ±6 V
TA = full range
8
Offset drift
TA = full range
30
µV/°C
− Input bias current
TA = 25°C
5
10
− Input bias current
TA = full range
12
IIB
+ Input bias current
VCC = ±12 V,
TA = 25°C
2
5
A
IIB
+ Input bias current
VCC = ±12 V,
VCC = ±6 V
TA = full range
6
µA
Differential input bias current
VCC = 6 V
TA = 25°C
5
10
Differential input bias current
TA = full range
12
ZOL
Open loop transimpedance
VCC = ±12 V,
RL = 1 kΩ,
VCC = ±6 V
1
M
Ω
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VICR
Input common-mode voltage range
VCC = ±12 V
±9.7 ±10.1
V
VICR
Input common-mode voltage range
VCC = ± 6 V
±3.8
±4.2
V
CMRR
Common-mode rejection ratio
VCC = ±12 V,
TA = 25°C
59
66
dB
CMRR
Common-mode rejection ratio
VCC = ±12 V,
VCC = ±6 V
TA = full range
57
dB
RI
Input resistance
+ Input
1.5
M
Ω
RI
Input resistance
− Input
15
Ω
CI
Input capacitance
2
pF
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 50 Ω,
VCC = ± 6 V
±4.2
±4.6
VO
Output voltage swing
Single ended
RL = 100 Ω
VCC = ±12 V
±10.1 ±10.5
V
VO
Output voltage swing
Single ended
RL = 100 Ω
VCC = ±6 V
±4.4
±4.8
V
IO
Output current
RL = 25 Ω,
VCC = ±12 V
150
175
mA
IO
Output current
RL = 10 Ω,
VCC = ±6 V
150
175
mA
ISC
Short-circuit current
RL = 0 Ω,
VCC = ±12 V
250
mA
Output resistance
Open loop
14
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com