Electronic Components Datasheet Search
  English  ▼

X  

THS6092/3 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS6092/3
Description  175mA,12V ADSL CPE LINE DRIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6092/3 Datasheet(HTML) 5 Page - Texas Instruments

  THS6092/3 Datasheet HTML 1Page - Texas Instruments THS6092/3 Datasheet HTML 2Page - Texas Instruments THS6092/3 Datasheet HTML 3Page - Texas Instruments THS6092/3 Datasheet HTML 4Page - Texas Instruments THS6092/3 Datasheet HTML 5Page - Texas Instruments THS6092/3 Datasheet HTML 6Page - Texas Instruments THS6092/3 Datasheet HTML 7Page - Texas Instruments THS6092/3 Datasheet HTML 8Page - Texas Instruments THS6092/3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
THS6052, THS6053
175 mA, ±12 V ADSL CPE LINE DRIVERS
SLOS293D − JUNE 2000 − REVISED DECEMBER 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±12 V, RFEEDBACK = 750 Ω, RL = 100 Ω (unless otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Operating range
Dual supply
±4.5
±16.5
V
VCC
Operating range
Single supply
9
33
V
VCC = ±12 V
TA = 25°C
5.2
7
ICC
Quiescent current (each driver)
VCC = ±12 V
TA = full range
8
mA
ICC
Quiescent current (each driver)
VCC = ±6 V
TA = 25°C
4.5
6.5
mA
VCC = ±6 V
TA = full range
7.5
VCC = ±12 V
TA = 25°C
−64
−62
PSRR
Power supply rejection ratio
VCC = ±12 V
TA = full range
−61
−
dB
PSRR
Power supply rejection ratio
VCC = ±6 V
TA = 25°C
−60
−70
dB
VCC = ±6 V
TA = full range
−58
shutdown characteristics (THS6053 only)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL(SHDN)
Shutdown pin voltage for power up
VCC = ±6 V, ±12 V GND = 0 V,
(GND Pin as Reference)
0.8
V
VIH(SHDN)
Shutdown pin voltage for power down
VCC = ±6 V, ±12 V, GND = 0 V,
(GND Pin as Reference)
2
V
ICC(SHDN) Total quiescent current when in shutdown state
VGND = 0 V, VCC = ±6 V, ±12 V
0.3
0.7
mA
tDIS
Disable time (see Note 3)
VCC = ±12 V
0.1
µs
tEN
Enable time (see Note 3)
VCC = ±12 V
0.4
µs
IIL(SHDN)
Shutdown pin input bias current for power up
VCC = ±6 V, ±12 V
40
100
µA
IIH(SHDN)
Shutdown pin input bias current for power down
VCC = ±6 V, ±12 V,
V(SHND) = 3.3 V
50
100
µA
NOTE 3: Disable/enable time is defined as the time from when the shutdown signal is applied to the SHDN pin to when the supply current has
reached half of its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com