Electronic Components Datasheet Search
  English  ▼

X  

AT9917 Datasheet(PDF) 1 Page - Supertex, Inc

Part # AT9917
Description  Automotive LED Driver IC with High Current Accuracy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9917 Datasheet(HTML) 1 Page - Supertex, Inc

  AT9917 Datasheet HTML 1Page - Supertex, Inc AT9917 Datasheet HTML 2Page - Supertex, Inc AT9917 Datasheet HTML 3Page - Supertex, Inc AT9917 Datasheet HTML 4Page - Supertex, Inc AT9917 Datasheet HTML 5Page - Supertex, Inc AT9917 Datasheet HTML 6Page - Supertex, Inc AT9917 Datasheet HTML 7Page - Supertex, Inc AT9917 Datasheet HTML 8Page - Supertex, Inc AT9917 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Supertex inc.
AT9917
Supertex inc. ● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Features
Switch mode controller for boost, SEPIC & buck
converters
Closed loop control of output current
High PWM dimming ratio
Internal 40V linear regulator
Internal 3% voltage reference
Constant frequency operation with programmable
slope compensation
Linear and PWM dimming
Programmable jitter to reduce EMI
+/-1.0A MOSFET gate driver
Output short circuit protection
Output over voltage protection
Programmable hiccup timer
Temperature fold-back with external NTC resistor
Soft start
Meets AEC-Q100 requirements
Applications
Automotive LED driver applications
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The AT9917 is an advanced fixed frequency PWM IC
designed to control single-switch, boost, SEPIC, and buck
LED drivers in a constant current mode. The controller uses a
peak current-mode control scheme (with programmable slope
compensation) and includes an internal transconductance
amplifier to control the output current with high accuracy.
The IC includes a +/-1A gate driver that makes the AT9917
suitable for high power applications. An internal 40V linear
regulator powers the IC eliminating the need for a separate
power supply for the IC. The IC provides a FAULT output,
which can be used to disconnect the LEDs in case of a fault
condition (such as an alternator load dump in automobiles)
using an external disconnect FET. AT9917 also provides a
TTL compatible, low-frequency PWM dimming input that
can accept an external control signal with a duty ratio of 0-
100% and a frequency of up to several kilohertz. Temperature
foldback of the output current is possible, using an external
NTC resistor.
The AT9917-based LED driver is suited for automotive LED
driver applications. The AT9917 based LED lamp drivers can
achieve efficiencies in excess of 90% when buck or boost
topologies are used.
Typical Boost Application Circuit
Automotive LED Driver IC
with High Current Accuracy
GT
CS
PVDD
VIN
GND
OVP
IREF
FDBK
FLT
REF
RT
SS
AT9917
L1
Q1
R
CS
D1
Co
C
IN
Q2
R
S
R
R1
R
R2
C
C
C
REF
R
T
C
PVDD
C
SC
C
IN1
AVDD
R
SC
PGND
T2
T1
DIV
NTC
EN
D2 (Optional)
R
4
COMP
PWMD
C
SS
JT
C
JTR
R
1
R
2
R
3


Similar Part No. - AT9917

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
AT9915 GMT-AT9915 Datasheet
65Kb / 1P
1.5A Low Dropout Regulator
logo
Supertex, Inc
AT9919 SUTEX-AT9919 Datasheet
726Kb / 7P
Hysteretic, Buck, High Brightness LED Driver with High-Side Current Sensing
logo
Microchip Technology
AT9919 MICROCHIP-AT9919 Datasheet
504Kb / 16P
Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
06/23/16
More results

Similar Description - AT9917

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
Switch-mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Unisonic Technologies
UL62 UTC-UL62 Datasheet
121Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL66X UTC-UL66X Datasheet
119Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68C UTC-UL68C Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
UL68D UTC-UL68D Datasheet
163Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
LED Driver Switch-Mode LED Driver IC with High Current Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com