Electronic Components Datasheet Search
  English  ▼

X  

AT9917 Datasheet(PDF) 3 Page - Supertex, Inc

Part # AT9917
Description  Automotive LED Driver IC with High Current Accuracy
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9917 Datasheet(HTML) 3 Page - Supertex, Inc

  AT9917 Datasheet HTML 1Page - Supertex, Inc AT9917 Datasheet HTML 2Page - Supertex, Inc AT9917 Datasheet HTML 3Page - Supertex, Inc AT9917 Datasheet HTML 4Page - Supertex, Inc AT9917 Datasheet HTML 5Page - Supertex, Inc AT9917 Datasheet HTML 6Page - Supertex, Inc AT9917 Datasheet HTML 7Page - Supertex, Inc AT9917 Datasheet HTML 8Page - Supertex, Inc AT9917 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AT9917
Supertex inc. ● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Sym
Description
Min
Typ
Max
Units Conditions
EN Input
V
EN(LO)
EN input low voltage
*
-
-
0.8
V
---
V
EN(HI)
EN input high voltage
*
2.0
-
-
V
---
R
EN
Pull down resistor at EN
-
-
100
-
kΩ
---
Reference
V
REF
REF pin voltage
*
1.210
1.250
1.290
V
I
REF = 0
V
REF,DIS
REF pin voltage when disabled
-
-
0
-
mV
I
REF = 0, EN = GND
V
REFLOAD
Load regulation of reference voltage -
0
-
2.0
mV
I
REF = 0 - 1.0mA
GATE
T
RISE
GATE output rise time
-
-
20
35
ns
C
GATE = 4.0nF,
V
IN = AVDD = PVDD = 5.0V
T
FALL
GATE output fall time
-
-
20
35
ns
C
GATE = 4.0nF,
V
IN = AVDD = PVDD = 5.0V
D
MAX
Maximum duty cycle
*
87
-
93
%
---
PWM Dimming
V
PWMD(lo)
PWMD input low voltage
*
-
-
0.8
V
---
V
PWMD(hi)
PWMD input high voltage
*
2.0
-
-
V
---
R
PWMD
PWMD pull-down resistance
-
-
200
-
kΩ
---
Over Voltage Protection
V
OVP,rising
Over voltage rising trip point
*
1.15
1.25
1.35
V
OVP rising
V
OVP,HYST
Over voltage hysteresis
-
-
0.125
-
V
OVP falling
Current Sense
T
BLANK
Leading edge blanking
*
100
-
250
ns
---
T
DELAY1
Delay to output of comparator
-
-
-
150
ns
COMP = AV
DD = PVDD = 5.0V,
V
CS = 0 - 400mV step
V
OFFSET
Comparator offset voltage
#
-10
-
10
mV
---
Internal Transconductance Opamp
G
B
Gainbandwidth product
#
1.0
-
-
MHz
150pF capacitance at COMP
pin
A
V
Open loop DC gain
-
65
-
-
dB
Output OPEN
V
CM
Input common-mode range
#
-0.3
-
3.0
V
---
V
O
Output voltage range
#
0.7
-
AV
DD
-
---
G
M
Transconductance
-
-
950
-
µA/V ---
V
OFFSET
Input offset voltage
*
-9.0
-
9.0
mV
---
Electrical Characteristics (Specifications are at T
A = 25
O
C. V
IN = 12V, PVDD = AVDD, EN = PWMD = AVDD, GATE = OPEN, CREF =
0.1μF, C
AVDD = CPVDD = 1.0μF, RT = 200kΩ, IT1 = IT2 = 100μA unless otherwise noted.)
Notes:
* Specifications apply over the full operating ambient temperature range of -40ºC < T
A < +125ºC. Guaranteed by design and characterization.
# Specifications guaranteed by design and not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com